Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX3 Datasheet(PDF) 8 Page - AZ Displays

Part # PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD035VX3 Datasheet HTML 4Page - AZ Displays PD035VX3 Datasheet HTML 5Page - AZ Displays PD035VX3 Datasheet HTML 6Page - AZ Displays PD035VX3 Datasheet HTML 7Page - AZ Displays PD035VX3 Datasheet HTML 8Page - AZ Displays PD035VX3 Datasheet HTML 9Page - AZ Displays PD035VX3 Datasheet HTML 10Page - AZ Displays PD035VX3 Datasheet HTML 11Page - AZ Displays PD035VX3 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:8
6.Touch Panel Characteristics
6.1) Pin assignment:
Pin
Symbol
Function
Remark
1
XL
Upper electrode X( left side)
2
YU
Lower electrode(Upper side)
3
XR
Upper electrode X( right side)
4
YD
Lower electrode(Down side)
6.2) Electrical Performance:
Parameters
Symbol
MIN.
Typ.
MAX.
Unit
Remark
X
100
-
900
Ω
Terminal Resistance
Y
100
-
900
Ω
Input Voltage
VT
5.0
7.0
V
Linearity(X ,Y direction)
±1.5
%
Insulation Impedance
20
MΩ
DC 25V
Response Time
5
ms
Operation Force
35
g
Note 6-1
Note 6-1 Input through 0.8R stylus or finger.
6.3) Durability Performance
1. Hitting Durability:
At least 1,000,000 times with R8.0mm silicon rubber, 200g , 3times/sec .
2. Sliding Durability:
At least 1,00,000 times with R0.8mm polyacetal stylus , 200g , 60mm/sec.
7.Absolute Maximum Ratings:
Vss1=Vss2=GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
VDD1
-0.3
2
V
VCC
-0.3
5
V
VDD2
-0.5
12.0
V
VGG
-0.3
40.0
V
Supply Voltage
VGG-VEE
-
40.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com