Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW1179 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LSW1179
Description  LOW Insertion Loss 0.35dB@1.0GHz; Low Harmonics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSW1179 Datasheet(HTML) 2 Page - Leshan Radio Company

  LSW1179 Datasheet HTML 1Page - Leshan Radio Company LSW1179 Datasheet HTML 2Page - Leshan Radio Company LSW1179 Datasheet HTML 3Page - Leshan Radio Company LSW1179 Datasheet HTML 4Page - Leshan Radio Company LSW1179 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TY
O
Ta
AB
Ta
YPICAL A
RDER IN
ble 1.Orde
Part Num
LSW11
BSOLUT
ble 2.
L
Paramet
RF input p
Voltage at
Package t
Junction t
Storage te
Ambient t
APPLICA
NFORMA
er Informat
mber
Te
179
-4
TE MAXIM
Limiting Va
ter
power
t pin EN
thermal resista
temperature
emperature ra
emperature ra
ATION
Figu
ATION
tion
emperature
40
℃~85℃
MUM RA
alues
ance
ange
ange
ure 2.
Ap
Pack
SOT363
ATINGS
Sym
P
V
θ
T
TS
Ta
2 / 5
pplication Sc
kage
3-6/SC-70
mbol
Min
Pin
-
VEN
1.5
θJA
-
TJ
-
STG
-65
amb
-40
hematic LSW
RoHS
M
Yes
Valu
n.
Typ.
-
5
3.3
148.2
-
5
-
0
-
W1179
Mark
79
Tape
ues
.
Max
+37
6.0
2
150
150
85
SPQ
and Reel 300
U
x.
7
d
0
℃
0
0
00 pcs/Reel
Unit
dBm
V
℃/W
℃
℃
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com