Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW1179 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LSW1179
Description  LOW Insertion Loss 0.35dB@1.0GHz; Low Harmonics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSW1179 Datasheet(HTML) 5 Page - Leshan Radio Company

  LSW1179 Datasheet HTML 1Page - Leshan Radio Company LSW1179 Datasheet HTML 2Page - Leshan Radio Company LSW1179 Datasheet HTML 3Page - Leshan Radio Company LSW1179 Datasheet HTML 4Page - Leshan Radio Company LSW1179 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RE
Re
RO
Th
po
ECOMME
ecommended
OHS CO
e product do
lybrominated
ENDED S
d Temperatu
MPLIANT
oes not conta
d diphenyl et
SOLDER
re Sn95.5Ag
T
ain lead, mer
thers (PBDE
R TEMPE
g4.0Cu0.5
rcury, cadmiu
), and are th
5 / 5
ERATURE
um, hexavale
erefore cons
E
ent chromium
sidered RoHS
m, polybromi
S compliant.
inated biphenyls (PBB) oor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com