Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW1179 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LSW1179
Description  LOW Insertion Loss 0.35dB@1.0GHz; Low Harmonics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSW1179 Datasheet(HTML) 3 Page - Leshan Radio Company

  LSW1179 Datasheet HTML 1Page - Leshan Radio Company LSW1179 Datasheet HTML 2Page - Leshan Radio Company LSW1179 Datasheet HTML 3Page - Leshan Radio Company LSW1179 Datasheet HTML 4Page - Leshan Radio Company LSW1179 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EL
(L
Ta
No
No
AP
Ta
Solder tem
LECTRIC
LSW1179 EVB
1)
ble 3.
E
DC ELECT
VEN
VEN
AC ELECT
IL
IL
RL
ISL
IP0.1dB
HD2
HD3
ton
toff
ote1: 0.08dB P
ote2&3: Within
PPLICAT
able 4:
list of
mperature(10s
CAL CHA
)
;
VCC=3.0V,
Electrical C
PARAME
RICAL CHA
Digita
Digita
RICAL CHA
Insert
Insert
Return
Rever
In-Ban
0.1dB
Secon
Third
Turn-o
Turn-o
PCB losses are
n 10% of the fin
TION INF
f RF control
s)
ARACTER
TA=-40~+85℃
Characterist
ETER
ARACTERIST
l Input-Logic
l Input-Logic
ARACTERIST
ion Loss
ion Loss
n Loss
rse Isolation
nd input
B-compressio
nd Harmonic
Harmonics
on time
2)
off time
3)
re subtracted.
inal gain.
FORMAT
path
State
1
2
RISTICS
℃
, f=100MHz
tics
CO
TICS
c High
c Low
TICS
F<
100
F<
F<
on point
f=1
s
f=4
f=4
ION
VC1
0
1
3 / 5
-
to 3000MHz;
ONDITIONS
1000MHz
00MHz<F<30
1000MHz
1000MHz
1000MHz;
400MHz;
400MHz;
VC2
1
0
260
unless other
M
00MHz
RF1
ON
OFF
-
rwise noted.)
MIN
TY
1.5
3
0
0
20
30
+
+
+
2
2
RF2
OFF
ON
)
TYP
MAX
3.3
3.6
0.45
.35
.45
0.0
0.0
+32
+78
+70
20
20
℃
X
UNITS
6
V
5
V
dB
dB
dB
dB
dBm
dBc
dBc
ns
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com