Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW1179 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LSW1179
Description  LOW Insertion Loss 0.35dB@1.0GHz; Low Harmonics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSW1179 Datasheet(HTML) 1 Page - Leshan Radio Company

  LSW1179 Datasheet HTML 1Page - Leshan Radio Company LSW1179 Datasheet HTML 2Page - Leshan Radio Company LSW1179 Datasheet HTML 3Page - Leshan Radio Company LSW1179 Datasheet HTML 4Page - Leshan Radio Company LSW1179 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D
tw
m
id
lo
re
sy
re
o
a
o
co
T
R
PI
DESCRIP
The
LS
wo-throw (S
miniature SO
deally suited
ow insertion
equired. Ty
ystems tha
eceive funct
ther
relate
pplications.
perating up
ontrol voltag
The LSW117
RoHS-Comp
IN CONF
PTION
SW1179
is
P2T) high p
OT363-6 pa
d for applica
n loss, sma
ypical appli
at connect
ions to a co
ed
handse
This part c
to 6 GHz re
ge.
79 is availab
liant, SOT36
FIGURAT
s
a
MMIC
power switch
ackage. The
ations wher
all size and
cations are
separate
mmon anten
et
and
ge
an be used
equiring hig
le in a small
63 6-pin pac
TION
C single-p
h in a low-c
e LSW1179
re high pow
low cost
e for hand
transmit a
nna, as well
eneral-purpo
in all syste
h power at l
l lead-free,
ckage
。
Figure 1. LS
1 / 5
pole
cost
9 is
wer,
are
dset
and
l as
ose
ems
low
FE
A
SW1179 Pin C
EATURE
Low Inser
Low Harm
P0.1dB +3
No DC po
Operating
Slim SOT3
PPLICAT
Smart pho
Low powe
NB-IOT
IEE802.11
Bluetooth
Configuration
ES
rtion Loss 0
monics;
32dBm typic
ower consum
frequencies
363-6L pack
TIONS
ones, Tablet
er wireless sy
1b/g/n WLAN
n
0.35dB@1.0G
cal;
mption;
s: 100~3000M
kage;
PCs;
ystem such a
N Network
GHz;
MHz;
as LORA andd


Similar Part No. - LSW1179

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSW1008 ETC2-LSW1008 Datasheet
27Kb / 1P
Wound Chip Inductor
logo
Honeywell Solid State E...
LSW1A HONEYWELL-LSW1A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSW1E HONEYWELL-LSW1E Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSW1179

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
Low Insertion Loss
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
Low Insertion Loss
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com