Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2007
Description  Adjustable Current Limit Power Distribution Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2007 Datasheet HTML 1Page - Micrel Semiconductor MIC2007 Datasheet HTML 2Page - Micrel Semiconductor MIC2007 Datasheet HTML 3Page - Micrel Semiconductor MIC2007 Datasheet HTML 4Page - Micrel Semiconductor MIC2007 Datasheet HTML 5Page - Micrel Semiconductor MIC2007 Datasheet HTML 6Page - Micrel Semiconductor MIC2007 Datasheet HTML 7Page - Micrel Semiconductor MIC2007 Datasheet HTML 8Page - Micrel Semiconductor MIC2007 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
5
M9999-102805
AC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
tRISE
Output turn-ON rise time
RL = 10Ω, CLOAD = 1µF,
VOUT = 10% to 90%
500
1000
1500
µs
tD_LIMIT
Delay before current limiting
MIC2017
77
128
192
ms
tRESET
Delay before resetting
Kickstart current limit delay,
tD_LIMIT
Out of current limit following a
current limit event.
MIC2017
77
128
192
ms
tON_DLY
Output Turn-on Delay
RL = 43Ω, CL = 120µF,
CSLEW ≤ 10pF,
VEN = 50% to VOUT = 10%
1000
1500
µs
tOFF_DLY
Output Turn-off Delay
RL = 43Ω, CL = 120µF,
CSLEW ≤ 10pF,
VEN = 50% to VOUT = 90%
700
µs
ESD
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT and GND
± 4
kV
VESD_HB
Electrostatic Discharge
Voltage: Human Body Model
All other pins
± 2
kV
VESD_MCHN
Electrostatic Discharge
Voltage: Machine Model
All pins
Machine Model
± 200
V
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k in series with 100pF.
4. Specification for packaged product only.
5. Requires proper thermal mounting to achieve this performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com