Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2007
Description  Adjustable Current Limit Power Distribution Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2007 Datasheet HTML 9Page - Micrel Semiconductor MIC2007 Datasheet HTML 10Page - Micrel Semiconductor MIC2007 Datasheet HTML 11Page - Micrel Semiconductor MIC2007 Datasheet HTML 12Page - Micrel Semiconductor MIC2007 Datasheet HTML 13Page - Micrel Semiconductor MIC2007 Datasheet HTML 14Page - Micrel Semiconductor MIC2007 Datasheet HTML 15Page - Micrel Semiconductor MIC2007 Datasheet HTML 16Page - Micrel Semiconductor MIC2007 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
13
M9999-102805
Application Information
Setting ILIMIT
The MIC2007/2017’s current limit is user programmable
and controlled by a resistor connected between the ILIMIT
pin and Ground. The value of this resistor is determined
by the following equation:
ILIMIT = Current Limit Factor (CLF)
RSET
or
RSET (Ω) = Current Limit Factor (V)
ILIMIT (A)
Example:
Set ILIMIT = 1.25A
Looking in the Electrical specifications we will find CLF
at ILIMIT = 1A. For the sake of this example, we will say
the typical value of CLF at an IOUT of 1A is 235V.
Applying the equation above:
RSET (Ω) = 235 V
1.25 A
RSET = 188 Ω
Designers should be aware that variations in the
measured ILIMIT for a given RSET resistor, will occur
because of small differences between individual ICs
(inherent in silicon processing) resulting in a spread of
ILIMIT values. In the example above we used the typical
value of CLF to calculate RSET. We can determine ILIMIT’s
spread by using the minimum and maximum values of
CLF and the calculated value of RSET.
RSET = 187 Ω
(the closest standard 1% value)
ILIMIT_MIN = 210V = 1.12A
187Ω
ILIMIT_MIN = 260V = 1.39A
187Ω
Giving us a maximum ILIMIT variation over temperature
of:
ILIMIT_MIN
ILIMIT_TYP
ILIMIT_MAX
1.12A
1.25A
1.39A
or
1.25A ±11%
ILIMIT vs. IOUT measured
The
MIC2007/2017’s
current limiting
circuitry is
designed to act as a constant current source to the load.
As the load tries to pull more than the allotted current,
VOUT drops and the input to output voltage differential
increases. When VIN -VOUT exceeds 1V, IOUT drops below
ILIMIT to reduce the drain of fault current on the system’s
power supply and to limit internal heating of the
MIC2007/2017.
When measuring IOUT it is important to bear this voltage
dependence in mind. Otherwise, the measurement data
may appear to indicate a problem when none really
exists. This voltage dependence is illustrated in Figures
4 and 5.
In Figure 4, output current is measured as VOUT is pulled
below VIN, with the test terminating when VOUT is 1V
below VIN. Observe that once ILIMIT is reached IOUT
remains constant throughout the remainder of the test.
In Figure 5, this test is repeated but with VIN - VOUT
exceeding 1V.
When VIN - VOUT > 1V, the MIC2007/2017’s current
limiting circuitry responds by decreasing IOUT, as can be
seen in Figure 5. In this demonstration, VOUT is being
controlled and IOUT is the measured quantity. In real life
applications, VOUT is determined in accordance with
Ohm’s law by the load and the limiting current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com