Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2007
Description  Adjustable Current Limit Power Distribution Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2007 Datasheet HTML 9Page - Micrel Semiconductor MIC2007 Datasheet HTML 10Page - Micrel Semiconductor MIC2007 Datasheet HTML 11Page - Micrel Semiconductor MIC2007 Datasheet HTML 12Page - Micrel Semiconductor MIC2007 Datasheet HTML 13Page - Micrel Semiconductor MIC2007 Datasheet HTML 14Page - Micrel Semiconductor MIC2007 Datasheet HTML 15Page - Micrel Semiconductor MIC2007 Datasheet HTML 16Page - Micrel Semiconductor MIC2007 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
14
M9999-102805
Figure 4. IOUT in Current Limiting for VIN - VOUT ≤1V
Figure 5. IOUT in Current Limiting for VIN - VOUT >1V
This folding back of ILIMIT can be generalized by plotting
ILIMIT as a function of VOUT, as shown below. The slope
of VOUT between IOUT = 0 and IOUT = ILIMIT (where ILIMIT =
1) is determined by RON of MIC2007/2017 and ILIMIT.
0
0.2
0.4
0.6
0.8
1.0
1.2
01
23
456
OUTPUT VOLTAGE (V)
Normalized Output Current
vs. Output Voltage (5V)
Figure 6.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5 1.0 1.5 2.0 2.5 3.0
OUTPUT VOLTAGE (V)
Normalized Output Current
vs. Output Voltage (2.5V)
Figure 7.
CSLEW
The CSLEW input is provided to increase control of the
output voltage ramp at turn-on. This input allows
designers the option of decreasing the output’s slew rate
(slowing the voltage rise) by adding an external
capacitance between the pin, CSLEW, and VIN. This
capacitance slows the rate at which the pass FET gate
voltage increases and thus, slows both the response to
an Enable command as well as VOUT’s ascent to its final
value.
Figure 8 illustrates effect of CSLEW on turn-ON delay and
output rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com