Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2007
Description  Adjustable Current Limit Power Distribution Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2007 Datasheet HTML 1Page - Micrel Semiconductor MIC2007 Datasheet HTML 2Page - Micrel Semiconductor MIC2007 Datasheet HTML 3Page - Micrel Semiconductor MIC2007 Datasheet HTML 4Page - Micrel Semiconductor MIC2007 Datasheet HTML 5Page - Micrel Semiconductor MIC2007 Datasheet HTML 6Page - Micrel Semiconductor MIC2007 Datasheet HTML 7Page - Micrel Semiconductor MIC2007 Datasheet HTML 8Page - Micrel Semiconductor MIC2007 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
4
M9999-102805
Absolute Maximum Ratings(1)
All pins ...........................................................–0.3 to 6V
Power Dissipation...............................Internally Limited
Continuous Output Current.................................. 2.25A
Maximum Junction Temperature........................ 150
°C
Storage Temperature ...........................–65
°C to 150°C
Operating Ratings(2)
Supply Voltage............................................. 2.5V to 5.5V
Continuous Output Current Range .................... 0 to 2.1A
Ambient Temperature Range ....................–40
°C to 85°C
Package Thermal Resistance (
θJA)
SOT-23-6 ....................................................230°C/W
MLF 2x2 mm...................................................90°C/W
MLF 2x2 mm
θJC
(5) .........................................45°C/W
Electrical Characteristics
VIN = 5V, TAMBIENT = 25°C unless specified otherwise. Bold indicates –40°C to +85°C limits.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Switch Input Voltage
2.5
5.5
V
IIN
Internal Supply Current
Switch = OFF,
ENABLE = 0V
1
5
µA
IIN
Internal Supply Current
Switch = ON, IOUT = 0
ENABLE = 1.5V
80
330
µA
ILEAK
Output Leakage Current
VIN = 5V, VOUT = 0 V,
ENABLE = 0
1.2
10
µA
70
100
mΩ
RDS(ON)
Power Switch Resistance
VIN = 5V, IOUT = 100 mA
125
mΩ
RDSCHG
Load Discharge Resistance
VIN = 5V, ISINK = 5 mA
70
126
200
Ω
IOUT = 2.0A, VOUT = 0.8VIN
210
250
286
V
IOUT = 1.0A, VOUT = 0.8VIN
190
243
293
V
IOUT = 0.5A, VOUT = 0.8VIN
168
235
298
V
CLF
Current Limit: Factor
RSET (Ω) = CLF (V)
IOUT (A)
IOUT = 0.2A, VOUT = 0.8VIN
144
225
299
V
ILIMIT_2nd
Secondary current limit
(Kickstart)
MIC2017, VIN = 2.5V
2.2
4
6
A
VIN rising
2.0
2.25
2.5
V
UVLOTHRESHOLD
Under Voltage Lock Out
threshold
VIN falling
1.9
2.15
2.4
V
VIL(max.)
0.5
VEN
ENABLE Input Voltage
VIH(min.)
1.5
V
IEN
ENABLE Input Current
VEN = 0V to 5.0V
1
5
µA
TJ increasing
145
OTTHRESHOLD
Over-temperature Threshold
TJ decreasing
135
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com