Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7805ALPRPDK Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 7805ALPRPDK
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPDK Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 7805ALPRPDK Datasheet HTML 2Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 3Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 4Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 5Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 6Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 7Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 9Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
TABLE 12. 7805ALP POWER SUPPLIES
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
V
S
--
4.8
5
5.25
V
I
S
1, 2, 3
--
20.3
--
mA
Power Dissipation
f
S = 100 kHz
1, 2, 3
--
102
132.0
mW
TABLE 13. 7805ALP DIGITAL TIMING
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Bus Access Time
9, 10, 11
--
--
83
nS
Bus Relinquish Time
9, 10, 11
--
--
83
nS
TABLE 14. 7805ALP TEMPERATURE
PARAMETER
MIN
TYP
MAX
UNIT
Specified Performance
-40
--
85
°C
Derated Performance 1
1. Tested by application of signal.
-55
--
125
°C
Storage
-65
--
150
°C
TABLE 15. 7805ALP CONVERSION TIMING1
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
DESCRIPTION
SYMBOL
SUBGROUPS
MIN
TYP
MAX
UNIT
Convert pulse width
t
1
9, 10, 11
40
--
7000
ns
Data valid delay after R/C low
t
2
9, 10, 11
--
--
8
µ s
BUSY delay from R/C low
t
3
9, 10, 11
--
--
85
ns
BUSY low
t
4
9, 10, 11
--
--
8
µ s
BUSY delay after end-of-conversion
t
5
9, 10, 11
--
220
--
ns
Aperture time
t
6
9, 10, 11
--
40
--
ns
Conversion time
t
7
9, 10, 11
--
7.6
8
µ s
Acquisition time
t
8
9, 10, 11
--
--
2
µ s
Throughput time
t
7 + t8
9, 10, 11
--
9
10
µ s
Bus relinquish time
t
9
9, 10, 11
10
35
83
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com