Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7805ALPRPDK Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 7805ALPRPDK
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPDK Datasheet(HTML) 2 Page - Maxwell Technologies

  7805ALPRPDK Datasheet HTML 1Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 2Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 3Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 4Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 5Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 6Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 7Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
TABLE 1. 7805ALP PINOUT DESCRIPTION
PIN NUMBER
NAME
DIGITAL I/O
DESCRIPTION
1V
IN
Analog input.
2
AGND1
Analog ground. Used internally as ground reference point.
3
REF
Reference input/output. 2.2 µ F tantalum capacitor to ground
4
CAP
Reference buffer capacitor. 2.2 µ F tantalum capacitor to ground.
5
AGND2
Analog ground.
6
D15 (MSB)
0
Data bit 15. Most Significant Bit (MSB) of conversion results. When STATUS is
HIGH*, D15 must not be driven high.
7
D14
0
Data bit 14. When STATUS is HIGH*, D14 must not be driven high.
8
D13
0
Data bit 13. When STATUS is HIGH*, D13 must not be driven high.
9
D12
0
Data bit 12. When STATUS is HIGH*, D12 must not be driven high.
10
D11
0
Data bit 11. When STATUS is HIGH*, D11 must not be driven high.
11
D10
0
Data bit 10. When STATUS is HIGH*, D10 must not be driven high.
12
D9
0
Data bit 9. When STATUS is HIGH*, D9 must not be driven high.
13
D8
0
Data bit 8. When STATUS is HIGH*, D8 must not be driven high.
14
DGND
Digital Ground
15
D7
0
Data bit 7. When STATUS is HIGH*, D7 must not be driven high.
16
D6
0
Data bit 6. When STATUS is HIGH*, D6 must not be driven high.
17
D5
0
Data bit 5. When STATUS is HIGH*, D5 must not be driven high.
18
D4
0
Data bit 4. When STATUS is HIGH*, D4 must not be driven high.
19
D3
0
Data bit 3. When STATUS is HIGH*, D3 must not be driven high.
20
D2
0
Data bit 2. When STATUS is HIGH*, D2 must not be driven high.
21
D1
0
Data bit 1. When STATUS is HIGH*, D1 must not be driven high.
22
D0 (LSB)
0
Data bit 0. Least Significant Bit (LSB) of conversion results. When STATUS is
HIGH*, D0 must not be driven high.
23
STATUS*
0
STATUS when HIGH indicates latchup protection is active and output data is
invalid. Capacitive loading should not exceed 1000 pF.
24
R/C
IWith CS LOW and BUSY HIGH, a falling edge of R/C initiates a new conversion.
When STATUS is HIGH*, CS and R/C must not be driven high.
25
CS
I
Internally OR’d with R/C. If R/C LOW, a falling edge on CS initiates a new conver-
sion. When STATUS is HIGH*, CS and R/C must not be driven high.
26
BUSY
0
At the start of a conversion, BUSY goes LOW and stays LOW until the conversion
is completed and the digital outputs have been updated.
27
DECPLNG
Supply voltage high speed decoupling pin. Decouple to ground with 1.0 µ F ceramic
capacitor.
28
V
S
Supply input. Nominally 5V. Decouple to ground with 10 µ F tantalum capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com