Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7805ALPRPDK Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 7805ALPRPDK
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPDK Datasheet(HTML) 7 Page - Maxwell Technologies

Back Button 7805ALPRPDK Datasheet HTML 3Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 4Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 5Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 6Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 7Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 9Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 10Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 11Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
BUSY delay after data valid
t
10
9, 10, 11
50
200
--
ns
Previous data valid delay after R/C low
t
11
9, 10, 11
--
7.4
--
µ s
R/C to CS setup time
t
12
9, 10, 11
10
--
--
ns
Time between conversions
t
13
9, 10, 11
10
--
--
µ s
Bus access time
t
14
9, 10, 11
10
--
83
ns
1. Tested by application of signal.
TABLE 16. 7805ALP CONTROL LINE FUNCTION FOR READ AND CONVERT
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion "n". Databus remains in Hi-Z state.
0
1
Initiates conversion "n". Databus enters Hi-Z state.
01
Conversion "n" completed. Valid data from conversion "n" on the databus.
1
1
Enables databus with valid data from conversion "n".
1
0
Enables databus with valid data from conversion "n-1". Conversion "n" in progress.
0
0
Enables databus with valid data from conversion "n-1". Conversion "n" in
progress."
00
New conversion initiated without acquisition of a new signal. Data will be invalid.
CS and/or R/C must be HIGH when BUSY goes HIGH.
X
X
0
New convert commands ignored. Conversion "n" in progress.
TABLE 15. 7805ALP CONVERSION TIMING1
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
DESCRIPTION
SYMBOL
SUBGROUPS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com