Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7805ALPRPDK Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 7805ALPRPDK
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPDK Datasheet(HTML) 1 Page - Maxwell Technologies

  7805ALPRPDK Datasheet HTML 1Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 2Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 3Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 4Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 5Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 6Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 7Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 Fax: (858) 503-3301- www.maxwell.com
16-Bit Latchup Protected ADC
7805ALP
©2005 Maxwell Technologies
All rights reserved.
01.10.05 Rev 9
FEATURES:
• 16-bit organization
• Latchup Protection Technology™
•RAD-PAK® radiation-hardened against natural space radia-
tion
• Total dose hardness:
- > 50 krads(Si), depending upon space mission
• Latchup converted to reset.
- Rate based on cross section and mission.
• Package:
- 28 pin RAD-PAK® flat pack
- 28 pin RAD-PAK® DIP
• 100 kHz min sampling rate
• Standard ± 10V input range
• Advance CMOS technology
- 86 dB min SINAD with 20 kHz input
- Single 5V supply operation
- Utilizes internal or external reference
- Full parallel data output
- Power dissipation: 132 mW max
DESCRIPTION:
Maxwell Technologies’ 7805ALP high-speed analog-to-digital
converter features a greater than 50 krad (Si) total dose toler-
ance, depending upon space mission. Using Mawell’s radia-
tion-hardened RAD-PAK® packaging technology, the 7805ALP
incorporates the commercial ADS7805 from Burr Brown. This
device is latchup protected by Maxwell Technologies’ LPT™
technology. The 7805ALP, 16-bit sampling CMOS A/D . The
device contains a complete 16-bit capacitor-based SAR A/D
with S/H, reference, clock, interface for microprocessor use,
and three-state output drivers. The 7805ALP is specified at a
100 kHz sampling rate, and guaranteed over the full tempera-
ture range. Laser-trimmed scaling resistors provide an indus-
try-standard ± 10V input range, while the innovative design
allows operation from a single 5V supply, with power dissipa-
tion of under 132 mW.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK® provides greater than 50
krad (Si) radiation dose tolerance. This product is available
with screening up to Maxwell Technologies self-defiened
Class K.
Logic Diagram


Similar Part No. - 7805ALPRPDK

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
7805A ESTEK-7805A Datasheet
288Kb / 3P
fixed-voltage monolithicintegrated-circuit voltage regulators
logo
Wing Shing Computer Com...
7805A WINGS-7805A Datasheet
217Kb / 6P
3-Terminal positive Voltage Regulators
logo
STMicroelectronics
7805A STMICROELECTRONICS-7805A Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7805AC SS-7805AC Datasheet
404Kb / 5P
Linear Voltage Regulator
More results

Similar Description - 7805ALPRPDK

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7809LP MAXWELL-7809LP Datasheet
462Kb / 23P
16-Bit Latchup Protected Analog to Digital Converter
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
16-Bit, 130Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
16-Bit, 160Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
16-Bit, 130Msps ADC
LTC2209 LINER-LTC2209_15 Datasheet
603Kb / 32P
16-Bit, 160Msps ADC
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
16-Bit, 15Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com