Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070BAS Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNH7070BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070BAS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNH7070BAS Datasheet HTML 3Page - STMicroelectronics VNH7070BAS Datasheet HTML 4Page - STMicroelectronics VNH7070BAS Datasheet HTML 5Page - STMicroelectronics VNH7070BAS Datasheet HTML 6Page - STMicroelectronics VNH7070BAS Datasheet HTML 7Page - STMicroelectronics VNH7070BAS Datasheet HTML 8Page - STMicroelectronics VNH7070BAS Datasheet HTML 9Page - STMicroelectronics VNH7070BAS Datasheet HTML 10Page - STMicroelectronics VNH7070BAS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DocID029595 Rev 2
7/38
VNH7070BAS
Electrical specifications
37
2
Electrical specifications
Figure 3. Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
38
V
-VCC
Reverse DC Supply Voltage
0.3
V
Imax
Maximum output current (continuous)
Internally limited
A
IR
Reverse output current (continuous)
-15
A
VCCPK
Maximum transient supply voltage (ISO 16750-2:2010
Test B clamped to 40 V; RL = 4
)
40
V
VCCJS
Maximum jump start voltage for single pulse short circuit
protection
28
V
IIN
Input current (INA and INB pins)
-1 to 10
mA
ISEL0
SEL0 DC input current
-1 to 10
mA
IPWM
PWM input current
-1 to 10
mA
ISENSE
CS pin DC output current (VGND = VCC and VSENSE < 0 V
10
mA
CS pin DC output current in reverse (VCC < 0 V)
-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com