Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070BAS Datasheet(PDF) 37 Page - STMicroelectronics

Part # VNH7070BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070BAS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VNH7070BAS Datasheet HTML 30Page - STMicroelectronics VNH7070BAS Datasheet HTML 31Page - STMicroelectronics VNH7070BAS Datasheet HTML 32Page - STMicroelectronics VNH7070BAS Datasheet HTML 33Page - STMicroelectronics VNH7070BAS Datasheet HTML 34Page - STMicroelectronics VNH7070BAS Datasheet HTML 35Page - STMicroelectronics VNH7070BAS Datasheet HTML 36Page - STMicroelectronics VNH7070BAS Datasheet HTML 37Page - STMicroelectronics VNH7070BAS Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
DocID029595 Rev 2
37/38
VNH7070BAS
Revision history
37
6
Revision history
Table 20. Document revision history
Date
Revision
Changes
23-Aug-2016
1
Initial release.
24-Mar-2017
2
Document status promoted from target specification to production data.
Updated:
–VCCmax value in cover page;
– Added as first feature “AEC-Q100 qualified“ in cover page;
– Note 1 of the Table 6: Power section on page 9;
– Table 10: CS (7 V < VCC < 18 V) on page 12, ISENSEH parameter;
– Table 12: On-state fault conditions- truth table on page 18;
– Figure 25, Figure 26 and Figure 27;
– Table 16: Thermal parameters on page 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com