Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070BAS Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNH7070BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070BAS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNH7070BAS Datasheet HTML 9Page - STMicroelectronics VNH7070BAS Datasheet HTML 10Page - STMicroelectronics VNH7070BAS Datasheet HTML 11Page - STMicroelectronics VNH7070BAS Datasheet HTML 12Page - STMicroelectronics VNH7070BAS Datasheet HTML 13Page - STMicroelectronics VNH7070BAS Datasheet HTML 14Page - STMicroelectronics VNH7070BAS Datasheet HTML 15Page - STMicroelectronics VNH7070BAS Datasheet HTML 16Page - STMicroelectronics VNH7070BAS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID029595 Rev 2
13/38
VNH7070BAS
Electrical specifications
37
Figure 4. TDSTKON
VOUT_MSD(2)
Output Voltage for
MultiSense
shutdown
VINA = 5 V; VINB = 0 V;
VSEL0 = 5 V; RSENSE = 2.7 kΩ;
IOUT = 3.5 A
5V
ISENSE0
CS leakage current
IOUT = 0 A; VSENSE = 0 V;
INx = 0 V; SEL0 = 0;
Tj = -40°C to 150°C (Standby)
0
0.5
μA
IOUT = 0 A; VSENSE = 0 V;
INx = 0 V; SEL0 = 5 V;
Tj = -40°C to 150°C
(No Standby)
0
0.5
μA
INx = 5 V; PWM = 5 V;
IOUT = 0 A; Tj = -40°C to 150°C
05
μA
VSENSEH
CS output voltage in
fault condition
VCC = 13 V; RSENSE = 1 kΩ;
– E.g: OutA in open-load:
VINA = 0 V; IOUTA = 0 A;
VOUTA = 4 V; VSEL0 = 5 V
57
V
ISENSEH
CS output current in
fault condition
9 V < VCC < 18 V;
VSENSE = VSENSEH
10
20
30
mA
1. Analog sense current drift is deviation of factor K for a given device over (-40 °C to 150 °C and 9 V < VCC <
18 V) with respect to its value measured at Tj = 25 °C, VCC = 13 V.
2. Parameter guaranteed by design and characterization; not subjected to production test.
Table 10. CS (7 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com