Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070BAS Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNH7070BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070BAS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNH7070BAS Datasheet HTML 7Page - STMicroelectronics VNH7070BAS Datasheet HTML 8Page - STMicroelectronics VNH7070BAS Datasheet HTML 9Page - STMicroelectronics VNH7070BAS Datasheet HTML 10Page - STMicroelectronics VNH7070BAS Datasheet HTML 11Page - STMicroelectronics VNH7070BAS Datasheet HTML 12Page - STMicroelectronics VNH7070BAS Datasheet HTML 13Page - STMicroelectronics VNH7070BAS Datasheet HTML 14Page - STMicroelectronics VNH7070BAS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID029595 Rev 2
11/38
VNH7070BAS
Electrical specifications
37
Table 9. Protections and diagnostics (VCC = 7 V up to 18 V; -40 °C < Tj < 150 °C)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VUSD
Undervoltage shutdown
4
V
VUSDreset
Undervoltage shutdown
reset
5V
VUSDHyst
Undervolatge shutdown
Hysteresis
0.4
V
ILIM_H
High-side current
limitation
15
22
30
A
ISD_LS
Shutdown LS current
18
27
36
A
tSD_LS
Time to shutdown for the
low-side
INA = 5 V; INB = 0 V;
PWM = 5 V (see Figure 8)
5
μs
VCL_HSD
High-side clamp voltage
(VCC to OUTA = 0 or
OUTB = 0)
IOUT = 100 mA; tclamp = 1 ms 38
46
V
VCL_LSD
Low-side clamp voltage
(OUTA = VCC or
OUTB = VCC to GND)
IOUT = 100 mA; tclamp = 1 ms 38
46
V
TTSD_HS
High-side thermal
shutdown temperature
INx = 2.1 V
150 175
200
°C
TTR_HS
High-side thermal reset
temperature
135
°C
THYST_HS
High-side thermal
hysteresis (TSD_HS - T
R_HS)
7°C
TTSD_LS
Low-side thermal
shutdown temperature
INx = 0 V
150 175
200
°C
VCL
Total clamp voltage
(VCC to GND)
IOUT = 100 mA; tclamp = 1 ms 38
46
52
V
VOL
OFF-state open-load
voltage detection
threshold
INA = INB = 0 V; PWM = 0;
VSEL0 = 5 V for CHA;
VSEL0 = 0 V and within
td_stby for CHB
23
4
V
IL(off2)
OFF-state output sink
current
INA = INB = 0; VOUT = VOL;
PWM = 0 V;
VSEL0 = 5 V for CHA;
VSEL0 = 0 V and within
td_stby for CHB
-100
-15
μA
tDSTKON
OFF-state diagnostic
delay time from falling
edge of INPUT (see
Figure 4)
INA = 5 V to 0 V; INB = 0;
VSEL0 = 5 V; PWM = 0;
IOUT = 0 A; VOUTA = 4 V
40
140
350
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com