Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7846ARPFS Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 7846ARPFS
Description  16-Bit Digital to Analog Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7846ARPFS Datasheet(HTML) 4 Page - Maxwell Technologies

  7846ARPFS Datasheet HTML 1Page - Maxwell Technologies 7846ARPFS Datasheet HTML 2Page - Maxwell Technologies 7846ARPFS Datasheet HTML 3Page - Maxwell Technologies 7846ARPFS Datasheet HTML 4Page - Maxwell Technologies 7846ARPFS Datasheet HTML 5Page - Maxwell Technologies 7846ARPFS Datasheet HTML 6Page - Maxwell Technologies 7846ARPFS Datasheet HTML 7Page - Maxwell Technologies 7846ARPFS Datasheet HTML 8Page - Maxwell Technologies 7846ARPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
16-Bit Digital to Analog Converter
7846A
05.29.03 REV 5
TABLE 4. 7846A ELECTRICAL SPECIFICATIONS 1
(VDD=+15V ±5%; VSS=-15V ±5%; V
CC = +5 V ± 5%, TA = -55 TO +125° C)
PARAMETER
TEST CONDITIONS/COMMENTS
SUBGROUPS
T
A=-55
°C TO +125
°C
UNIT
Resolution
16
Bits
UNIPOLAR OUTPUT
Relative Accuracy @ 25 °C
- T
MIN to TMAX
Differential Nonlinearity Error
Gain Error @ 25 °C
- T
MIN to TMAX
Offset Error @ 25 °C
- T
MIN to TMAX
Gain TC 2
Offset TC 2
V
REF-=0V, VOUT=0V to +10V
1LSB=153µ V
Guaranteed Monotonic
V
OUT Load= 10MΩ
1
2, 3
1
1
2,3
1
2,3
1
1
±16
±16
±1
±12
±24
±12
±24
±2
±2
LSB typ
LSB max
LSB max
LSB typ
LSB max
LSB typ
LSB max
ppm FSR/°C typ
ppm FSR/°C typ
BIPOLAR OUTPUT
Relative Accuracy @ 25 °C
- T
MIN to TMAX
Differential Nonlinearity Error
Gain Error @ 25 °C
- T
MIN to TMAX
Offset Error @ 25 °C
- T
MIN to TMAX
Bipolar Zero Error @ 25 °C
- T
MIN to TMAX
Gain TC 2
Offset TC 2
Bipolar Zero TC 2
V
REF-=-5V, VOUT=-10V to +10V
1LSB=305µ V
Guaranteed Monotonic
V
OUT Load=10MΩ
V
OUT Load=10MΩ
1
2, 3
1
1
2, 3
1
2, 3
1
2, 3
1
1
1
±6
±8
±1
±6
±16
±6
±16
±6
±16
±2
±2
±2
LSB typ
LSB max
LSB max
LSB typ
LSB max
LSB typ
LSB max
LSB typ
LSB max
ppm FSR/°C typ
ppm FSR/°C typ
ppm FSR/°C typ
REFERENCE INPUT
Input Resistance
V
REF+ Range
V
REF- Range
Resistance from V
REF- to VREF+
Typically 30k
Ω
1, 2, 3
20
40
V
SS + 6 to VDD - 6
V
SS + 6 to VDD - 6
K
Ω min
K
Ω max
V
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Resistive Load1
Capacitive Load3
Output Resistance
Short Circuit Current
To 0V
To 0V
To 0V or Any Power Supply
1, 2, 3
V
SS + 4 to VDD - 3
3
1000
0.3
±25
V max
k
Ω min
pF max
Ω typ
mA typ
DIGITAL INPUTS
V
IH (Input High Voltage)
V
IL (Input Low Voltage)
I
IN (Input Current)
C
IN (Input Capacitance)
2
1, 2, 3
2.4
0.8
±10
10
V min
V max
µA max
pF max
DIGITAL OUTPUTS
V
OL (Output Low Voltage)
V
OH (Output High Voltage)
Floating State Leakage Current
Floating State Output Capacitance 2
I
SINK = 1.6mA
I
SOURCE = 400µ A
DB0-DB15 = 0 to V
CC
1, 2, 3
0.4
4.0
±10
10
V max
V min
µA max
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com