Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7846ARPFS Datasheet(PDF) 9 Page - Maxwell Technologies

Part # 7846ARPFS
Description  16-Bit Digital to Analog Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7846ARPFS Datasheet(HTML) 9 Page - Maxwell Technologies

Back Button 7846ARPFS Datasheet HTML 3Page - Maxwell Technologies 7846ARPFS Datasheet HTML 4Page - Maxwell Technologies 7846ARPFS Datasheet HTML 5Page - Maxwell Technologies 7846ARPFS Datasheet HTML 6Page - Maxwell Technologies 7846ARPFS Datasheet HTML 7Page - Maxwell Technologies 7846ARPFS Datasheet HTML 8Page - Maxwell Technologies 7846ARPFS Datasheet HTML 9Page - Maxwell Technologies 7846ARPFS Datasheet HTML 10Page - Maxwell Technologies 7846ARPFS Datasheet HTML 11Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
16-Bit Digital to Analog Converter
7846A
05.29.03 REV 5
F28-02
Note: All dimensions in inches
28 PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.190
0.207
0.224
b
0.015
0.017
0.022
c
0.004
0.005
0.009
D
--
0.720
0.740
E
0.380
0.410
0.420
E1
--
--
0.440
E2
0.180
0.250
--
E3
0.030
0.080
--
e
0.050 BSC
L
0.360
0.370
0.380
Q
0.062
0.073
0.081
S1
0.000
0.027
--
N28



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com