Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7846ARPFS Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 7846ARPFS
Description  16-Bit Digital to Analog Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7846ARPFS Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 7846ARPFS Datasheet HTML 2Page - Maxwell Technologies 7846ARPFS Datasheet HTML 3Page - Maxwell Technologies 7846ARPFS Datasheet HTML 4Page - Maxwell Technologies 7846ARPFS Datasheet HTML 5Page - Maxwell Technologies 7846ARPFS Datasheet HTML 6Page - Maxwell Technologies 7846ARPFS Datasheet HTML 7Page - Maxwell Technologies 7846ARPFS Datasheet HTML 8Page - Maxwell Technologies 7846ARPFS Datasheet HTML 9Page - Maxwell Technologies 7846ARPFS Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
16-Bit Digital to Analog Converter
7846A
05.29.03 REV 5
TABLE 6. 7846A TIMING CHARACTERISTICS1,2,3,4
(V
DD = +14.25V TO 15.75V; VSS = -14.25V TO -15.75V; VCC = 4.75 TO 5.25V; UNLESS OTHERWISE SPECIFIED)
1. Guaranteed by design. All input control signals are specified with t
R = tF = 5ns (10% to 90% of +5V) and timed from a voltage
level of 1.6V.
2. t
6 is measured with the load circuits of Figure 1 and defined as the time required for an output to cross 0.8V or 2.4V.
3. t
7 is defined as the time required for an output to change 0.5V when loaded with the circuits of Figure 2. Specifications subject to
change without notice.
4. See Figure 3 on page 7.
PARAMETER
TEST CONDITIONS/COMMENTS
LIMIT AT
T
A=-55
°C TO +125 °C
UNIT
t
1
R/W to CS Setup Time
50
ns min
t
2
CS Pulse Width (Write Cycle)
190
ns min
t
3
R/W to CS Hold Time
50
ns min
t
4
Data Setup Time
120
ns min
t
5
Data Hold Time
0
ns min
t
6
Data Access Time
320
ns max
t
7
Bus Relinquish Time
10
ns min
90
ns max
t
8
CLR Setup Time
20
ns min
t
9
CLR Pulse Width
150
ns min
t
10
CLR Hold Time
0
ns min
t
11
LDAC Pulse Width
100
ns min
t
12
CS Pulse Width (Read Cycle)
330
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com