Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7846ARPFS Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 7846ARPFS
Description  16-Bit Digital to Analog Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7846ARPFS Datasheet(HTML) 5 Page - Maxwell Technologies

  7846ARPFS Datasheet HTML 1Page - Maxwell Technologies 7846ARPFS Datasheet HTML 2Page - Maxwell Technologies 7846ARPFS Datasheet HTML 3Page - Maxwell Technologies 7846ARPFS Datasheet HTML 4Page - Maxwell Technologies 7846ARPFS Datasheet HTML 5Page - Maxwell Technologies 7846ARPFS Datasheet HTML 6Page - Maxwell Technologies 7846ARPFS Datasheet HTML 7Page - Maxwell Technologies 7846ARPFS Datasheet HTML 8Page - Maxwell Technologies 7846ARPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
16-Bit Digital to Analog Converter
7846A
05.29.03 REV 5
POWER REQUIREMENTS 4
V
DD
V
SS
V
CC
I
DD
I
SS
I
CC
Power Supply Sensitivity 5
Power Dissipation
V
OUT Unloaded
V
OUT Unloaded
V
OUT Unloaded
1, 2, 3
+11.4/+15.75
-11.4/-15.75
+4.75/+5.25
5
5
1
2
100
V min/V max
V min/V max
V min/V max
mA max
mA max
mA max
LSB/V max
mW typ
1. Minimum load is 3k
Ω.
2. Sample tested to ensure compliance.
3. Maximum load is 1000pF.
4. 7846ARP is functional with power supplies of ±12V. See typical performance curves.
5. Sensitivity to Gain Error, Offset Error and Bipolar Zero Error to V
DD, VSS variations.
6. Guaranteed by design
TABLE 5. 7846A AC PERFORMANCE CHARACTERISTICS1
(VDD=+15V ±5%; VSS=-15V ±5%; V
CC = +5 V ± 5%, TA = -55 TO +125° C)
1. Guaranteed by design.
PARAMETER
TEST CONDITIONS
T
A=25
°C
T
A=TMIN TO TMAX
UNIT
Output Settling Time
To 0.006% FSR. V
OUT loaded. VREF-=0V.
7
7
µ s max
To 0.003% FSR. V
OUT loaded. VREF-=-5V.
9
9
µ s max
Digital-to-Analog Glitch
Impulse
DAC alternately loaded with 10…0000 and
01…1111. V
OUT unloaded.
400
400
nV-secs typ
AC Feed through
V
REF-=0V, VREF+=1V rms, 10kHz sine wave.
DAC loaded with all 0s.
0.5
0.5
mV pk-pk typ
Digital Feed through
DAC alternately loaded with all 1s and all
0s. CS High.
10
10
nV-secs typ
Output Noise Voltage
Density
(1kHz-100kHz)
Measured at V
OUT. DAC loaded with
0111011…11.
V
REF+=VREF-=0V.
50
50
nV/(Hz)½ typ
TABLE 4. 7846A ELECTRICAL SPECIFICATIONS 1
(VDD=+15V ±5%; VSS=-15V ±5%; V
CC = +5 V ± 5%, TA = -55 TO +125° C)
PARAMETER
TEST CONDITIONS/COMMENTS
SUBGROUPS
T
A=-55
°C TO +125
°C
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com