Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A1 Datasheet(PDF) 49 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 49 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 43Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 44Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 45Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 46Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 47Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 48Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 49Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 50Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
49 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Cover
Tape
Round Sprocket Holes
(10 pitches cumulative
tolerance on tape
±0.2mm
Do
Po
E1
F
Ao
So
Bo
W
D1
Embossed
Cavity
P2
P1
Center lines of Cavity
Direction of Unreeling
T
T1
B1
Ko
S1
T2
R (min)
Figure 7-6: Standard embossed carrier tape dimensions
Table 7-1: Constant Dimensions
Tape
Size
D
0
D
1 (Min)
E
1
P
0
P
2
R(SeeNote2)
S
1 (Min)
T (Max)
T
1 (Max)
8mm
1.5 +0.1
-0.0
1.0
1.75 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
25
0.6
0.6
0.1
12mm
1.5
30
16mm
2.0 ± 0.1
24mm
32mm
2.0
50
N/A
(See Note 3)
44mm
2.0 ± 0.15
Table 7-2: Variable Dimensions
Tape
Size
P
1
B
1 (Max)
E
2 (Min)
F
So
T
2 (Max.)
W (Max)
A
0, B0, & K0
8mm
Specific per package
type. Refer to FR-0221
(Tape and Reel Packing
Information)
4.35
6.25
3.5 ± 0.05
N/A (see note 4)
2.5
8.3
See Note 1
12mm
8.2
10.25
5.5 ± 0.05
6.5
12.3
16mm
12.1
14.25
7.5 ± 0.1
8.0
16.3
24mm
20.1
22.25
11.5 ± 0.1
12.0
24.3
32mm
23.0
N/A
14.2 ± 0.1
28.4± 0.1
32.3
44mm
35.0
N/A
20.2 ± 0.15
40.4 ± 0.1
16.0
44.3
NOTES:
1. A0, B0, and K0 are determined by component size. The cavity must restrict lateral movement of component to 0.5mm maximum for 8mm and 12mm wide tape
and to 1.0mm maximum for 16,24,32, and 44mm wide carrier. The maximum component rotation within the cavity must be limited to 20o maximum for 8 and 12 mm
carrier tapes and 10o maximum for 16 through 44mm.
2. Tape and components will pass around reel with radius “R” without damage.
3. S1 does not apply to carrier width ≥32mm because carrier has sprocket holes on both sides of carrier where Do≥S1.
4. So does not exist for carrier ≤32mm because carrier does not have sprocket hole on both side of carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com