Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A1 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 13Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 14Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 15Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 16Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 17Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 18Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 19Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 20Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
17 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Equalization/Swing/Pre-emphasis mode settings
Table 4-2: EQBAND and EQ[2:0] Setting
EQBAND, EQ[2:0]
BYTE0 bit4, bit[7:5]
Gain@1.6Gbps
dB
Gain @2.7Gbps
dB
Gain@5.4Gbps
dB
0000 (Default)
-0.384
-0.9281
-2.0054
0001
-0.3443
-0.849
-1.8155
0010
-0.2832
-0.7256
-1.5318
0011
-0.1959
-0.5518
-1.1537
0100
-0.1217
-0.4054
-0.8518
0101
-0.0347
-0.2355
-0.5169
0110
-0.0841
-0.00704
-0.0866
0111
0.2295
0.2698
0.4153
1000
0.3045
0.5198
0.8871
1001
0.4452
0.7885
1.4147
1010
0.6993
1.2611
2.2531
1011
1.1651
2.0748
3.5315
1100
1.67
2.8963
4.6837
1101
2.4082
4.0103
6.1106
1110
3.7438
5.8413
8.2595
1111
6.0652
8.6898
11.3532
Table 4-3: EQ Setting
when Auto_EQ = 1 (Refer to Table 4-2)
Pre-emphasis
OP[1:0]
Byte0 bit[3:2]
Pre-emphasis
Auto EQ mode 0
EQ = 0
Byte1 bit[3:2] = 00
EQBAND, EQ[2:0]
Auto EQ mode 1
EQ = M
Byte1 bit[3:2] = 01
EQBAND, EQ[2:0]
Auto EQ mode 2
EQ = 1
Byte1 bit[3:2] = 11
EQBAND, EQ[2:0]
0 0
3.5dB
1010
1101
1111
0 1
6 dB
0111
1010
1101
1 0
9 dB
0011
0111
1011
1 1
0 dB
0000
0011
1001
Table 4-4: EQ Setting
when Auto_EQ = 0 (Refer to Table 4-2)
EQ
EQBAND, EQ[2:0]
1.62Gbps
2.7Gbps
5.4Gbps
0
0000
0000
0000
M
1100
1100
1100
1
1111
1111
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com