Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A1 Datasheet(PDF) 30 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 27Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 28Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 29Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 30Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 31Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 32Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 33Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 34Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
30 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
5.3
Power Dissipation
Symbol
Parameters
Condition
Min
Typ Max Units
I
DD33
3.3V Single supply
@5.4Gbps, CAD_SNK = 0,
HPD_SNK = 1
400 mV Swing, 0 dB Pre-emphasis
140
mA
400 mV Swing, 9.5 dB Pre-emphasis
290
mA
600 mV Swing, 0 dB Pre-emphasis
150
mA
600 mV Swing, 6 dB Pre-emphasis
290
mA
800 mV Swing, 0 dB Pre-emphasis
200
mA
800 mV Swing, 3.5 dB Pre-emphasis
290
mA
1200 mV Swing, 0 dB Pre-emphasis
226
mA
I
SB
3.3V Power down current
ENABLE pin Low (Turn off all function includ-
ing band-gap)
130
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com