Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A1 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 28Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 29Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 30Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 31Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 32Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 33Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 34Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 35Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 36Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
32 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
DP Differential
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
DP differential Input
V
ID
Peak to peak differential input voltage
400
 
1200
mV
V
ODO
Differential overshoot voltage
 
 
15%*VDD33 V
V
ODU
Differential undershoot voltage
 
 
25%*VDD33 V
I
OFF
Single end standby current
 
 
10
uA
I
SC
Output short current
 
 
60
mA
DP differential Output
V
tx diff-lev1
Differential pk-pk level 1
340
400
460
mV
V
tx diff-lev2
Differential pk-pk level 2
510
600
680
mV
V
tx diff-lev3
Differential pk-pk level 3
690
800
920
mV
V
tx diff-lev4
Differential pk-pk level 4
1020
1200
1380
mV
Pre-emphasis level
0dB
V
tx diff = 1.2V
0
0
0
dB
3.5dB (1.5x)
V
tx diff = 0.8V
2.8
3.5
4.2
dB
6dB (2x)
V
tx diff = 0.6V
4.8
6
7.2
dB
9.5dB (3x)
V
tx diff = 0.4V
7.6
9.5
11.4
dB
DP differential output CML driver AC Switching Characteristics
T
rise / Tfall
Rise and Fall Time
20% to 80 %
80
115
150
ps
T
sk(D)
Intra-pair differential skew
50
ps
T
sk(O)
Intra-pair differential skew
50
ps
Tx
Rx
50Ω
50Ω
50Ω
50Ω
1.2V
VBIAS
VD+
VID
VD-
VY
VZ
VID = (VD+) - (VD-)
VICM = (VD+) + (VD-)
2
VID = VY - VZ
VOCM = VY + VZ
2
Figure 5-1: DisplayPort Main Link Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com