Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBX-16024152-R18 Datasheet(PDF) 20 Page - u-blox AG

Part # UBX-16024152-R18
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-16024152-R18 Datasheet(HTML) 20 Page - u-blox AG

Back Button UBX-16024152-R18 Datasheet HTML 16Page - u-blox AG UBX-16024152-R18 Datasheet HTML 17Page - u-blox AG UBX-16024152-R18 Datasheet HTML 18Page - u-blox AG UBX-16024152-R18 Datasheet HTML 19Page - u-blox AG UBX-16024152-R18 Datasheet HTML 20Page - u-blox AG UBX-16024152-R18 Datasheet HTML 21Page - u-blox AG UBX-16024152-R18 Datasheet HTML 22Page - u-blox AG UBX-16024152-R18 Datasheet HTML 23Page - u-blox AG UBX-16024152-R18 Datasheet HTML 24Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 20 of 43
4 Electrical specifications
⚠ Stressing the device above one or more of the ratings listed in the Absolute Maximum Rating
section may cause permanent damage. These are stress ratings only. Operating the module at
these or at any conditions other than those specified in the Operating Conditions sections (section
4.2) of the specification should be avoided. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
☞ Operating condition ranges define those limits within which the functionality of the device is
guaranteed.
☞ Electrical characteristics are defined according to the verification on a representative number of
samples or according to the simulation.
☞ Where application information is given, it is advisory only and does not form part of the
specification.
4.1 Absolute maximum rating
☞ Limiting values given below are in accordance with Absolute Maximum Rating System (IEC 134).
Symbol
Description
Condition
Min.
Max.
Unit
VCC
Module supply voltage
Input DC voltage at VCC pins (SARA-R404M)
-0.5
6.0
V
Input DC voltage at VCC pins
(SARA-R410M, SARA-R412M and SARA-N410)
-0.5
5.2
V
VUSB_DET
USB detection pin
Input DC voltage at VUSB_DET pin
-0.5
5.5
V
USB
USB D+/D- pins
Input DC voltage at USB interface pins
-0.3
3.6
V
GDI
Generic digital interfaces
Input DC voltage at Generic digital interfaces pins
-0.3
2.3
V
DDC
DDC interface
Input DC voltage at DDC interface pins
-0.3
2.3
V
SIM
SIM interface
Input DC voltage at SIM interface pins
-0.3
3.5
V
ERS
External reset input
Input DC voltage at RESET_N pin
-0.5
2.1
V
POS
Power-on input
Input DC voltage at PWR_ON pin
-0.5
2.1
V
ADC
Antenna detection input
Input DC voltage at ANT_DET pin
-0.5
4.3
V
Rho_ANT
Antenna ruggedness
Output RF load mismatch ruggedness at ANT pins
10:1
VSWR
Tstg
Storage temperature
-40
+85
°C
Table 6: Absolute maximum ratings
⚠ The product is notprotected against overvoltage or reversed voltages. If necessary, voltage spikes
exceeding the voltage specifications given in the table above, must be limited to values within the
specified boundaries by using appropriate protection devices.
4.1.1 Maximum ESD
Parameter
Min
Typical
Max
Unit
Remarks
ESD sensitivity for all pins
1’000
V
Human Body Model according to JESD22-A114
Table 7: Maximum ESD ratings
⚠ u-blox cellular modules are Electrostatic Sensitive Devices and require special precautions when
handling. See section 7.4 for ESD handling instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com