Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBX-16024152-R18 Datasheet(PDF) 26 Page - u-blox AG

Part # UBX-16024152-R18
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-16024152-R18 Datasheet(HTML) 26 Page - u-blox AG

Back Button UBX-16024152-R18 Datasheet HTML 22Page - u-blox AG UBX-16024152-R18 Datasheet HTML 23Page - u-blox AG UBX-16024152-R18 Datasheet HTML 24Page - u-blox AG UBX-16024152-R18 Datasheet HTML 25Page - u-blox AG UBX-16024152-R18 Datasheet HTML 26Page - u-blox AG UBX-16024152-R18 Datasheet HTML 27Page - u-blox AG UBX-16024152-R18 Datasheet HTML 28Page - u-blox AG UBX-16024152-R18 Datasheet HTML 29Page - u-blox AG UBX-16024152-R18 Datasheet HTML 30Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 26 of 43
4.2.6 2G RF characteristics
The 2G bands supported by SARA-R4 series modules are defined in the Table 2, while the following
Table 16 describes the Transmitting and Receiving frequencies according to 3GPP TS 51.010-1 [9].
Parameter
Min
Max
Unit
Remarks
Frequency range
GSM 850
Uplink
824
849
MHz
Module transmit
Downlink
869
894
MHz
Module receive
Frequency range
E-GSM 900
Uplink
880
915
MHz
Module transmit
Downlink
925
960
MHz
Module receive
Frequency range
DCS 1800
Uplink
1710
1785
MHz
Module transmit
Downlink
1805
1880
MHz
Module receive
Frequency range
PCS 1900
Uplink
1850
1910
MHz
Module transmit
Downlink
1930
1990
MHz
Module receive
Table 16: 2G operating RF frequency bands
SARA-R4 series modules include a GMSK Power Class 4 transmitter for GSM 850 and E-GSM 900
bands, a GMSK Power Class 1 transmitter for DCS 1800 and PCS 1900 bands, a 8-PSK Power Class E2
transmitter for all 2G bands (see Table 2), with output power and characteristics according to 3GPP
TS 51.010-1 [9].
SARA-R4 series modules 2G receiver characteristics are compliant to 3GPP TS 51.010-1 [9], with
conducted receiver sensitivity performance described in Table 17.
Parameter
Min
Typical
Max
Unit
Remarks
Receiver input sensitivity
GSM 850
-109
dBm
Downlink RF level @ BER Class II < 2.4 %
Receiver input sensitivity
E-GSM 900
-109
dBm
Downlink RF level @ BER Class II < 2.4 %
Receiver input sensitivity
DCS 1800
-109
dBm
Downlink RF level @ BER Class II < 2.4 %
Receiver input sensitivity
PCS 1900
-109
dBm
Downlink RF level @ BER Class II < 2.4 %
Condition: 50  source
Table 17: 2G receiver sensitivity performance
4.2.7 ANT_DET pin characteristics
Pin Name
Parameter
Min.
Typ.
Max.
Unit
Remarks
ANT_DET
Output DC current pulse value
35
µ
A
Output DC current pulse time length
1160
µ
s
Table 18: ANT_DET pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com