Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBX-16024152-R18 Datasheet(PDF) 27 Page - u-blox AG

Part # UBX-16024152-R18
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-16024152-R18 Datasheet(HTML) 27 Page - u-blox AG

Back Button UBX-16024152-R18 Datasheet HTML 23Page - u-blox AG UBX-16024152-R18 Datasheet HTML 24Page - u-blox AG UBX-16024152-R18 Datasheet HTML 25Page - u-blox AG UBX-16024152-R18 Datasheet HTML 26Page - u-blox AG UBX-16024152-R18 Datasheet HTML 27Page - u-blox AG UBX-16024152-R18 Datasheet HTML 28Page - u-blox AG UBX-16024152-R18 Datasheet HTML 29Page - u-blox AG UBX-16024152-R18 Datasheet HTML 30Page - u-blox AG UBX-16024152-R18 Datasheet HTML 31Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 27 of 43
4.2.8 PWR_ON pin
Parameter
Min.
Typical
Max.
Unit
Remarks
Internal supply for
PWR_ON Input Signal
1.8
V
The PWR_ON input is pulled up to an internal voltage rail
minus a diode drop: the voltage value present at PWR_ON
input pin is normally 0.8 V typical.
Low-level input
-0.30
0.35
V
Pull-up resistance
150
200
250
k
Internal active pull-up
Input leakage current
-0.20
0.20
µ
A
PWR_ON low time
0.15
3.20
s
Low time to trigger module switch on from power off mode
0.15
3.20
s
Low time to trigger module wake-up from PSM deep sleep
1.50
s
Low time to trigger module switch off
Table 19: PWR_ON pin characteristics
4.2.9 RESET_N pin
Parameter
Min.
Typical
Max.
Unit
Remarks
Internal supply for
RESET_N Input Signal
1.8
V
Low-level input
-0.30
0.63
V
Pull-up resistance
37
k
Internal active pull-up
Input leakage current
-0.20
0.20
µ
A
RESET_N low time
10
s
Low time to trigger module abrupt emergency switch off
Table 20: RESET_N pin characteristics
4.2.10 SIM pins
The SIM pins are a dedicated interface to the external SIM card/chip. The electrical characteristics
fulfill the regulatory specification requirements. The values in Table 21 are for information only.
Parameter
Min.
Typ.
Max.
Unit
Remarks
Low-level input
-0.30
0.2*VSIM
V
High-level input
0.7*VSIM
VSIM+0.3
V
Low-level output
0
0.4
V
Max value at IOL = +2.0 mA
High-level output
0.8*VSIM
VSIM
V
Max value at IOL = +2.0 mA
Internal pull-up resistor on SIM_IO
4.7
k
Internal pull-up to VSIM supply
Input leakage current
-2
2
µ
A
VIN =0 V or VIN =VSIM
Clock frequency on SIM_CLK
4.8
MHz
Table 21: SIM pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com