Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBX-16024152-R18 Datasheet(PDF) 23 Page - u-blox AG

Part # UBX-16024152-R18
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-16024152-R18 Datasheet(HTML) 23 Page - u-blox AG

Back Button UBX-16024152-R18 Datasheet HTML 19Page - u-blox AG UBX-16024152-R18 Datasheet HTML 20Page - u-blox AG UBX-16024152-R18 Datasheet HTML 21Page - u-blox AG UBX-16024152-R18 Datasheet HTML 22Page - u-blox AG UBX-16024152-R18 Datasheet HTML 23Page - u-blox AG UBX-16024152-R18 Datasheet HTML 24Page - u-blox AG UBX-16024152-R18 Datasheet HTML 25Page - u-blox AG UBX-16024152-R18 Datasheet HTML 26Page - u-blox AG UBX-16024152-R18 Datasheet HTML 27Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 23 of 43
4.2.4 Current consumption
Mode
Condition
Tx power
Module
Min
Typ
Max
Unit
Power Off Mode
(module switched off, RTC off)
Averaged current value
--
All
6
µ
A
PSM Deep Sleep Mode
(RTC on)
Averaged current value
--
All
8
µ
A
Low Power Mode
(+UPSV=4)
Averaged current value
(rock bottom)
--
R410M, R412M, N410
0.6
mA
Averaged current value
(eDRX 20.48 s)
--
R410M, R412M, N410
1.6
mA
Active Mode
(Power Saving / Low Power Mode
disabled, registered with network)
Averaged current value
--
All
9
mA
LTE Cat NB1 Connected Mode
(Data Tx / Rx)
Averaged current value
Minimum
All
60
mA
0 dBm
R410M, N410
65
mA
R412M
70
mA
12 dBm
R410M, N410
80
mA
R412M
90
mA
18 dBm
R410M, N410
100
mA
R412M
130
mA
Maximum
R410M, N410
140
mA
R412M
240
mA
Peak current value
during Tx
Maximum
R410M, N410
0.5
A
R412M
0.9
A
LTE Cat M1 Connected Mode
(Data Tx / Rx)
Averaged current value
Minimum
All
100
mA
0 dBm
R404M, R410M
105
mA
R412M
110
mA
12 dBm
R404M, R410M
125
mA
R412M
140
mA
18 dBm
R404M, R410M
150
mA
R412M
200
mA
Maximum
R404M, R410M
190
mA
R412M
360
mA
Peak current value
during Tx
Maximum
R404M, R410M
0.5
A
R412M
0.9
A
2G Connected Mode
(Data Tx / Rx)
Averaged current value
during GMSK 1-Tx/1-Rx call
850/900 MHz bands
Maximum
R412M
200
mA
Peak current value
during GMSK 1-slot Tx,
850/900 MHz bands
Maximum
R412M
1.5
1.9
A
Table 12: Module VCC current consumption 24
24 All values with VCC = 3.8 V, with UART connected and USB disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com