Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-D0WD Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Contents
1 Overview
1
1.1
Featured Solutions
1
1.1.1 Ultra-Low-Power Solution
1
1.1.2 Complete Integration Solution
1
1.2
Wi-Fi Key Features
1
1.3
BT Key Features
2
1.4
MCU and Advanced Features
2
1.4.1 CPU and Memory
2
1.4.2 Clocks and Timers
3
1.4.3 Advanced Peripheral Interfaces
3
1.4.4 Security
3
1.5
Applications (A Non-exhaustive List)
4
1.6
Block Diagram
5
2 Pin Definitions
6
2.1
Pin Layout
6
2.2
Pin Description
8
2.3
Power Scheme
11
2.4
Strapping Pins
12
3 Functional Description
15
3.1
CPU and Memory
15
3.1.1 CPU
15
3.1.2 Internal Memory
15
3.1.3 External Flash and SRAM
16
3.1.4 Memory Map
16
3.2
Timers and Watchdogs
18
3.2.1 64-bit Timers
18
3.2.2 Watchdog Timers
18
3.3
System Clocks
19
3.3.1 CPU Clock
19
3.3.2 RTC Clock
19
3.3.3 Audio PLL Clock
19
3.4
Radio
19
3.4.1 2.4 GHz Receiver
20
3.4.2 2.4 GHz Transmitter
20
3.4.3 Clock Generator
20
3.5
Wi-Fi
20
3.5.1 Wi-Fi Radio and Baseband
21
3.5.2 Wi-Fi MAC
21
3.6
Bluetooth
21
3.6.1 Bluetooth Radio and Baseband
21
3.6.2 Bluetooth Interface
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com