Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 45 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 45 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
5. Electrical Characteristics
1. Device should operate in the frequency range allocated by regional regulatory authorities. Target operating frequency
range is configurable by software.
2. The typical value of ESP32’s Wi-Fi radio output impedance is different between chips in different QFN packages. For
ESP32 chips with a QFN 6×6 package, the value is 30+j10 Ω. For ESP32 chips with a QFN 5×5 package, the value is
35+j10 Ω.
3. Target TX power is configurable based on device or certification requirements.
5.7 Bluetooth Radio
5.7.1 Receiver – Basic Data Rate
Table 17: Receiver Characteristics – Basic Data Rate
Parameter
Conditions
Min
Typ
Max
Unit
Sensitivity @0.1% BER
-
–90
–89
–88
dBm
Maximum received signal @0.1% BER
-
0
-
-
dBm
Co-channel C/I
-
-
+7
-
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
-
-
–6
dB
F = F0 – 1 MHz
-
-
–6
dB
F = F0 + 2 MHz
-
-
–25
dB
F = F0 – 2 MHz
-
-
–33
dB
F = F0 + 3 MHz
-
-
–25
dB
F = F0 – 3 MHz
-
-
–45
dB
Out-of-band blocking performance
30 MHz
~ 2000 MHz
–10
-
-
dBm
2000 MHz
~ 2400 MHz
–27
-
-
dBm
2500 MHz
~ 3000 MHz
–27
-
-
dBm
3000 MHz
~ 12.5 GHz
–10
-
-
dBm
Intermodulation
-
–36
-
-
dBm
5.7.2 Transmitter – Basic Data Rate
Table 18: Transmitter Characteristics – Basic Data Rate
Parameter
Conditions
Min
Typ
Max
Unit
RF transmit power (see note under Table 18)
-
-
0
-
dBm
Gain control step
-
-
3
-
dB
RF power control range
-
–12
-
+9
dBm
+20 dB bandwidth
-
-
0.9
-
MHz
Adjacent channel transmit power
F = F0 ± 2 MHz
-
–47
-
dBm
F = F0 ± 3 MHz
-
–55
-
dBm
F = F0 ± > 3 MHz
-
–60
-
dBm
∆ f 1avg
-
-
-
155
kHz
∆ f 2max
-
133.7
-
-
kHz
∆ f 2avg/∆ f 1avg
-
-
0.92
-
-
ICFT
-
-
–7
-
kHz
Espressif Systems
38
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com