Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-D0WD Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
3.6.3 Bluetooth Stack
22
3.6.4 Bluetooth Link Controller
22
3.7
RTC and Low-Power Management
23
4 Peripherals and Sensors
25
4.1
Descriptions of Peripherals and Sensors
25
4.1.1 General Purpose Input / Output Interface (GPIO)
25
4.1.2 Analog-to-Digital Converter (ADC)
25
4.1.3 Hall Sensor
26
4.1.4 Digital-to-Analog Converter (DAC)
26
4.1.5 Touch Sensor
26
4.1.6 Ultra-Low-Power Co-processor
26
4.1.7 Ethernet MAC Interface
27
4.1.8 SD/SDIO/MMC Host Controller
27
4.1.9 SDIO/SPI Slave Controller
27
4.1.10 Universal Asynchronous Receiver Transmitter (UART)
28
4.1.11 I²C Interface
28
4.1.12 I²S Interface
28
4.1.13 Infrared Remote Controller
28
4.1.14 Pulse Counter
28
4.1.15 Pulse Width Modulation (PWM)
29
4.1.16 LED PWM
29
4.1.17 Serial Peripheral Interface (SPI)
29
4.1.18 Accelerator
29
4.2
Peripheral Pin Configurations
30
5 Electrical Characteristics
35
5.1
Absolute Maximum Ratings
35
5.2
Recommended Operating Conditions
35
5.3
DC Characteristics (3.3 V, 25 °C)
36
5.4
Reliability Qualifications
36
5.5
RF Power-Consumption Specifications
37
5.6
Wi-Fi Radio
37
5.7
Bluetooth Radio
38
5.7.1 Receiver – Basic Data Rate
38
5.7.2 Transmitter – Basic Data Rate
38
5.7.3 Receiver – Enhanced Data Rate
39
5.7.4 Transmitter – Enhanced Data Rate
39
5.8
Bluetooth LE Radio
40
5.8.1 Receiver
40
5.8.2 Transmitter
40
6 Package Information
42
7 Part Number and Ordering Information
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com