Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 53 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 53 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Appendix A
No.
Description
7
Each column about digital “Function” is accompanied by a column about “Type”. Please see
the following explanations for the meanings of “type” with respect to each “function” they are
associated with. For each “Function-N”, “type” signifies:
• I: input only.
If a function other than “Function-N” is assigned, the input signal of
“Function-
N” is still from this pin.
• I1: input only. If a function other than “Function-N” is assigned, the input signal of
“Function-N” is always “1”.
• I0: input only. If a function other than “Function-N” is assigned, the input signal of
“Function-
N” is always “0”.
• O: output only.
• T: high-impedance.
• I/O/T: combinations of input, output, and high-impedance according to the function sig-
nal.
• I1/O/T: combinations of input, output, and high-impedance, according to the function
signal. If a function is not selected, the input signal of the function is “1”.
For example, pin 30 can function as HS1_CMD or SD_CMD, where HS1_CMD is of an “I1/O/T”
type. If pin 30 is selected as HS1_CMD, this pin’s input and output are controlled by the SDIO
host. If pin 30 is not selected as HS1_CMD, the input signal of the SDIO host is always “1”.
8
Each digital output pin is associated with its configurable drive strength.
Column “Drive
Strength” in Table IO_MUX lists the default values. The drive strength of the digital output
pins can be configured into one of the following four options:
• 0:
~5 mA
• 1:
~10 mA
• 2:
~20 mA
• 3:
~40 mA
The default value is 2.
The drive strength of the internal pull-up (wpu) and pull-down (wpd) is
~75 µA.
9
Column “At Reset” in Table IO_MUX lists the status of each pin during reset, including input-
enable (ie=1), internal pull-up (wpu) and internal pull-down (wpd). During reset, all pins are
output-disabled.
10
Column “After Reset” in Table IO_MUX lists the status of each pin immediately after reset,
including input-enable (ie=1), internal pull-up (wpu) and internal pull-down (wpd). After reset,
each pin is set to “Function 1”. The output-enable is controlled by digital Function 1.
11
Table Ethernet_MAC is about the signal mapping inside Ethernet MAC. The Ethernet MAC
supports MII and RMII interfaces, and supports both the internal PLL clock and the external
clock source. For the MII interface, the Ethernet MAC is with/without the TX_ERR signal. MDC,
MDIO, CRS and COL are slow signals, and can be mapped onto any GPIO pin through the
GPIO-Matrix.
12
Table GPIO Matrix is for the GPIO-Matrix. The signals of the on-chip functional modules can
be mapped onto any GPIO pin. Some signals can be mapped onto a pin by both IO-MUX
and GPIO-Matrix, as shown in the column tagged as “Same input signal from IO_MUX core”
in Table GPIO Matrix.
Espressif Systems
46
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com