Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS1TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # LSM9DS1TR
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 59Page - STMicroelectronics LSM9DS1TR Datasheet HTML 60Page - STMicroelectronics LSM9DS1TR Datasheet HTML 61Page - STMicroelectronics LSM9DS1TR Datasheet HTML 62Page - STMicroelectronics LSM9DS1TR Datasheet HTML 63Page - STMicroelectronics LSM9DS1TR Datasheet HTML 64Page - STMicroelectronics LSM9DS1TR Datasheet HTML 65Page - STMicroelectronics LSM9DS1TR Datasheet HTML 66Page - STMicroelectronics LSM9DS1TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
DocID025715 Rev 3
63/72
LSM9DS1
Magnetometer register description
72
8.4
WHO_AM_I_M (0Fh)
Device identification register.
8.5
CTRL_REG1_M (20h)
Table 110. X and Y axes operative mode selection
Table 111. Output data rate configuration
Table 107. WHO_AM_I_M register
00
111
10
1
Table 108. CTRL_REG1_M register
TEMP_
COMP
OM1
OM0
DO2
DO1
DO0
FAST_ODR
ST
Table 109. CTRL_REG1_M register description
TEMP_COMP
Temperature compensation enable. Default value: 0
(0: temperature compensation disabled; 1: temperature compensation enabled)
OM[1:0]
X and Y axes operative mode selection. Default value: 00
(Refer to Table 110)
DO[2:0]
Output data rate selection. Default value: 100
(Refer to Table 111)
FAST_ODR
FAST_ODR enables data rates higher than 80 Hz. Default value: 0
(0: Fast_ODR disabled; 1: FAST_ODR enabled)
ST
Self-test enable. Default value: 0
(0: self-test disabled; 1: self-test enabled)
OM1
OM0
Operative mode for X and Y axes
0
0
Low-power mode
0
1
Medium-performance mode
1
0
High-performance mode
1
1
Ultra-high performance mode
DO2
DO1
DO0
ODR [Hz]
00
00.625
00
11.25
01
02.5
01
15
10
010
10
120
11
040
11
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com