Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS1TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # LSM9DS1TR
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 60Page - STMicroelectronics LSM9DS1TR Datasheet HTML 61Page - STMicroelectronics LSM9DS1TR Datasheet HTML 62Page - STMicroelectronics LSM9DS1TR Datasheet HTML 63Page - STMicroelectronics LSM9DS1TR Datasheet HTML 64Page - STMicroelectronics LSM9DS1TR Datasheet HTML 65Page - STMicroelectronics LSM9DS1TR Datasheet HTML 66Page - STMicroelectronics LSM9DS1TR Datasheet HTML 67Page - STMicroelectronics LSM9DS1TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
Magnetometer register description
LSM9DS1
64/72
DocID025715 Rev 3
8.6
CTRL_REG2_M (21h)
8.7
CTRL_REG3_M (22h)
Table 112. CTRL_REG2_M register
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
FS1
FS0
0(1)
REBOOT
SOFT_RST
0(1)
0(1)
Table 113. CTRL_REG2_M register description
FS[1:0]
Full-scale configuration. Default value: 00
Refer to Table 114
REBOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
SOFT_RST
Configuration registers and user register reset function.
(0: default value; 1: reset operation)
Table 114. Full-scale selection
FS1
FS0
Full scale
0
0
± 4 gauss
0
1
± 8 gauss
1
0
± 12 gauss
1
1
± 16 gauss
Table 115. CTRL_REG3_M register
I2C_
DISABLE
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
LP
0(1)
0(1)
SIM
MD1
MD0
Table 116. CTRL_REG3_M register description
I2C_DISABLE
Disable I2C interface. Default value 0. (0: I2C enable; 1: I2C disable)
LP
Low-power mode configuration. Default value: 0
If this bit is ‘1’, the DO[2:0] is set to 0.625 Hz and the system performs, for each
channel, the minimum number of averages. Once the bit is set to ‘0’, the magnetic
data rate is configured by the DO bits in the CTRL_REG1_M (20h) register.
SIM
SPI Serial Interface mode selection. Default value: 0
(0: SPI only write operations enabled; 1: SPI read and write operations enable).
MD[1:0]
Operating mode selection. Default value: 11
Refer to Table 117.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com