Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS1TR Datasheet(PDF) 67 Page - STMicroelectronics

Part # LSM9DS1TR
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 63Page - STMicroelectronics LSM9DS1TR Datasheet HTML 64Page - STMicroelectronics LSM9DS1TR Datasheet HTML 65Page - STMicroelectronics LSM9DS1TR Datasheet HTML 66Page - STMicroelectronics LSM9DS1TR Datasheet HTML 67Page - STMicroelectronics LSM9DS1TR Datasheet HTML 68Page - STMicroelectronics LSM9DS1TR Datasheet HTML 69Page - STMicroelectronics LSM9DS1TR Datasheet HTML 70Page - STMicroelectronics LSM9DS1TR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
DocID025715 Rev 3
67/72
LSM9DS1
Magnetometer register description
72
8.14
INT_CFG_M (30h)
8.15
INT_SRC_M (31h)
Table 125. INT_CFG_M register
XIEN
YIEN
ZIEN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
IEA
IEL
IEN
Table 126. INT_CFG_M register description
XIEN
Enable interrupt generation on X-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
YIEN
Enable interrupt generation on Y-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
ZIEN
Enable interrupt generation on Z-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
IEA
Interrupt active configuration on INT_MAG. Default value: 0
0: low; 1: high
IEL
Latch interrupt request. Default value: 0
0: interrupt request latched; 1: interrupt request not latched)
Once latched, the INT_M pin remains in the same state until INT_SRC_M (31h)) is
read.
IEN
Interrupt enable on the INT_M pin. Default value: 0
0: disable; 1: enable
Table 127. INT_SRC_M register
PTH_X
PTH_Y
PTH_Z
NTH_X
NTH_Y
NTH_Z
MROI(1)
1. This functionality can be enabled only if the IEN bit in INT_CFG_M (30h) is enabled.
INT
Table 128. INT_SRC_M register description
PTH_X
Value on X-axis exceeds the threshold on the positive side.
Default value: 0
PTH_Y
Value on Y-axis exceeds the threshold on the positive side.
Default value: 0
PTH_Z
Value on Z-axis exceeds the threshold on the positive side.
Default value: 0
NTH_X
Value on X-axis exceeds the threshold on the negative side.
Default value: 0
NTH_Y
Value on Y-axis exceeds the threshold on the negative side.
Default value: 0
NTH_Z
Value on Z-axis exceeds the threshold on the negative side.
Default value: 0
MROI
Internal measurement range overflow on magnetic value.
Default value: 0
INT
This bit signals when the interrupt event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com