Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS1TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM9DS1TR
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 61Page - STMicroelectronics LSM9DS1TR Datasheet HTML 62Page - STMicroelectronics LSM9DS1TR Datasheet HTML 63Page - STMicroelectronics LSM9DS1TR Datasheet HTML 64Page - STMicroelectronics LSM9DS1TR Datasheet HTML 65Page - STMicroelectronics LSM9DS1TR Datasheet HTML 66Page - STMicroelectronics LSM9DS1TR Datasheet HTML 67Page - STMicroelectronics LSM9DS1TR Datasheet HTML 68Page - STMicroelectronics LSM9DS1TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
DocID025715 Rev 3
65/72
LSM9DS1
Magnetometer register description
72
Table 117. System operating mode selection
8.8
CTRL_REG4_M (23h)
Table 120. Z-axis operative mode selection
8.9
CTRL_REG5_M (24h)
MD1
MD0
Mode
0
0
Continuous-conversion mode
0
1
Single-conversion mode
1
0
Power-down mode
1
1
Power-down mode
Table 118. CTRL_REG4_M register
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
0(1)
0(1)
OMZ1
OMZ0
BLE
0(1)
Table 119. CTRL_REG4_M register description
OMZ[1:0]
Z-axis operative mode selection.
Default value: 00. Refer to Table 120.
BLE
Big/Little Endian data selection. Default value: 0
(0: data LSb at lower address; 1: data MSb at lower address)
OMZ1
OMZ0
Operative mode for Z-axis
0
0
Low-power mode
0
1
Medium-performance mode
1
0
High-performance mode
1
1
Ultra-high performance mode
Table 121. CTRL_REG5_M register
FAST_READ
BDU
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
Table 122. CTRL_REG5_M register description
FAST_READ
FAST_READ allows reading the high part of DATA OUT only in order to increase
reading efficiency. Default value: 0
(0: FAST_READ disabled; 1: FAST_READ enabled)
BDU
Block data update for magnetic data. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB have
been read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com