Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303CTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM303CTR
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303CTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM303CTR Datasheet HTML 6Page - STMicroelectronics LSM303CTR Datasheet HTML 7Page - STMicroelectronics LSM303CTR Datasheet HTML 8Page - STMicroelectronics LSM303CTR Datasheet HTML 9Page - STMicroelectronics LSM303CTR Datasheet HTML 10Page - STMicroelectronics LSM303CTR Datasheet HTML 11Page - STMicroelectronics LSM303CTR Datasheet HTML 12Page - STMicroelectronics LSM303CTR Datasheet HTML 13Page - STMicroelectronics LSM303CTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Block diagram and pin description
LSM303C
10/53
DocID024975 Rev 2
Table 2. Pin description
Pin#
Name
Function
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
2
CS_XL
Accelerometer: SPI enable
I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled
3
CS_MAG
Magnetometer: SPI enable
I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
C1
Capacitor connection (C1 = 100 nF)
6
GND
Connected to GND
7
INT_MAG
Magnetometer interrupt signal
8
GND
Connected to GND
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11
DRDY_MAG
Magnetometer data ready
12
INT_XL
Accelerometer interrupt signal
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com