Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303CTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM303CTR
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303CTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM303CTR Datasheet HTML 36Page - STMicroelectronics LSM303CTR Datasheet HTML 37Page - STMicroelectronics LSM303CTR Datasheet HTML 38Page - STMicroelectronics LSM303CTR Datasheet HTML 39Page - STMicroelectronics LSM303CTR Datasheet HTML 40Page - STMicroelectronics LSM303CTR Datasheet HTML 41Page - STMicroelectronics LSM303CTR Datasheet HTML 42Page - STMicroelectronics LSM303CTR Datasheet HTML 43Page - STMicroelectronics LSM303CTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Register description
LSM303C
40/53
DocID024975 Rev 2
8.17
IG_CFG1_A (30h)
Accelerometer interrupt generator 1 configuration register (r/w)
Table 53. IG_CFG1_A register
Table 54. IG_CFG1_A register description
8.18
IG_SRC1_A (31h)
Accelerometer interrupt generator 1 status register (r)
Table 55. IG_SRC1_A register
Table 56. IG_SRC1_A register description
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
AOI
And/Or combination of Interrupt events. Default value: 0.
6D
6 direction detection function enabled. Default value: 0.
ZHIE
Enable interrupt generation on Z high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
ZLIE
Enable interrupt generation on Z low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YHIE
Enable interrupt generation on Y low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YLIE
Enable interrupt generation on Y low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XHIE
Enable interrupt generation on X low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XLIE
Enable interrupt generation on X low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
-
IA
ZH
ZL
YHYL
XHXL
IA
Interrupt active. Default value: 0 (0: no interrupt has been generated; 1: one or
more interrupt events has been generated)
ZH
Z high. Default value: 0 (0: no interrupt; 1: ZH event has occurred)
ZL
Z low. Default value: 0 (0: no interrupt; 1: ZL event has occurred)
YH
Y high. Default value: 0 (0: no interrupt; 1: YH event has occurred)
YL
Y low. Default value: 0 (0: no interrupt; 1: YL event has occurred)
XH
X high. Default value: 0 (0: no interrupt; 1: XH event has occurred)
XL
X low. Default value: 0 (0: no interrupt; 1: XL event has occurred)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com