Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303CTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM303CTR
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303CTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM303CTR Datasheet HTML 7Page - STMicroelectronics LSM303CTR Datasheet HTML 8Page - STMicroelectronics LSM303CTR Datasheet HTML 9Page - STMicroelectronics LSM303CTR Datasheet HTML 10Page - STMicroelectronics LSM303CTR Datasheet HTML 11Page - STMicroelectronics LSM303CTR Datasheet HTML 12Page - STMicroelectronics LSM303CTR Datasheet HTML 13Page - STMicroelectronics LSM303CTR Datasheet HTML 14Page - STMicroelectronics LSM303CTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
DocID024975 Rev 2
11/53
LSM303C
Module specifications
53
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (a).
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.9 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
LA_FS
Linear acceleration
measurement range(2)
±2
g
±4
±8
M_FS
Magnetic measurement range
±16
gauss
LA_So
Linear acceleration sensitivity
Linear acceleration FS = ±2 g
0.061
mg/LSB
Linear acceleration FS = ±4 g
0.122
Linear acceleration FS = ±8 g
0.244
M_GN
Magnetic sensitivity
Magnetic FS = ±16 gauss
0.58
mgauss/
LSB
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
0.01
%/°C
LA_TyOff
Typical zero-g level offset
accuracy(3),(4)
±40
mg
M_TyOff
Typical zero-gauss level offset
accuracy
±1
gauss
LA_TCOff Zero-g level change vs. temp. Max. delta from 25 °C
±0.5
mg/°C
LA_An
Linear acceleration RMS noise
ODR = 100 Hz, BW = 50 Hz,
FS = ±2 g
1
mg
(RMS)
M_R
Magnetic RMS noise
Ultra-high-performance mode
3.5
mgauss
(RMS)
DF
Magnetic disturbance field
Zero-gauss offset starts to degrade
50
gauss
LA_ST
Linear acceleration self-test
positive difference(5)
70
1500
mg
M_ST
Magnetic self-test(6)
X, Y-axis
-1
-3
gauss
Z-axis
-0.1
-1
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Verified by wafer level test and measurement of initial offset and sensitivity.
3. Typical zero-g level offset value after MSL3 preconditioning.
4. Offset can be eliminated by enabling the built-in high-pass filter.
5. Accelerometer “Self-test positive difference” is defined as: OUTPUT[mg](CTRL_REG5_A ST2, ST1 bits=01) -
OUTPUT[mg](CTRL_REG5_A ST2, ST1 bits=00).
6. Magnetic “self-test” is defined as: OUTPUT[gauss](CTRL_REG1_M ST bit=1) - OUTPUT[gauss](CTRL_REG1_M ST bit=0).
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com