Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303CTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM303CTR
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303CTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM303CTR Datasheet HTML 30Page - STMicroelectronics LSM303CTR Datasheet HTML 31Page - STMicroelectronics LSM303CTR Datasheet HTML 32Page - STMicroelectronics LSM303CTR Datasheet HTML 33Page - STMicroelectronics LSM303CTR Datasheet HTML 34Page - STMicroelectronics LSM303CTR Datasheet HTML 35Page - STMicroelectronics LSM303CTR Datasheet HTML 36Page - STMicroelectronics LSM303CTR Datasheet HTML 37Page - STMicroelectronics LSM303CTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Register description
LSM303C
34/53
DocID024975 Rev 2
ODR [2:0] is used to set power mode and ODR selection. All frequencies available are given
in the following table.
The BDU bit is used to inhibit the update of the output registers until both upper and lower
register parts are read. In default mode (BDU = ‘0’) the output register values are updated
continuously. When the BDU is activated (BDU = ‘1’), the content of the output registers is
not updated until both MSB and LSB are read which avoids reading values related to
different sample times.
8.5
CTRL_REG2_A (21h)
Accelerometer control register 2 (r/w)
Table 27. CTRL_REG2_A register
Table 28. CTRL_REG2_A register description
Table 25. ODR register setting
ODR2
ODR1
ODR0
ODR selection
0
0
0
Power down
0
0
1
10 Hz
0
1
0
50 Hz
0
1
1
100 Hz
1
0
0
200 Hz
1
0
1
400 Hz
1
1
0
800 Hz
1
1
1
N.A.
Table 26. Low-pass cutoff frequency in high-resolution mode (HR = 1)
HR
CTRL_REG2_A (DFC [1:0])
LP cutoff freq. [Hz]
1
00
ODR/50
1
01
ODR/100
1
10
ODR/9
1
11
ODR/400
-
DFC1
DFC0
HPM1
HPM0
FDS
HPIS2
HPIS1
DFC1 [1:0]
High-pass filter cutoff frequency selection: the bandwidth of the high-pass filter
depends on the selected ODR and on the settings of the DFC [1:0] bits
HPM [1:0]
High-pass filter mode selection. Default value: 00
“00” or “10” = normal mode
“01” = reference signal for filtering
“11” = not available
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com