Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997STR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6997STR
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997STR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6997STR Datasheet HTML 4Page - STMicroelectronics L6997STR Datasheet HTML 5Page - STMicroelectronics L6997STR Datasheet HTML 6Page - STMicroelectronics L6997STR Datasheet HTML 7Page - STMicroelectronics L6997STR Datasheet HTML 8Page - STMicroelectronics L6997STR Datasheet HTML 9Page - STMicroelectronics L6997STR Datasheet HTML 10Page - STMicroelectronics L6997STR Datasheet HTML 11Page - STMicroelectronics L6997STR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
L6997S
8/30
(6)
Where
∆VOUT is the output ripple and ∆VINT is the required ripple at the INT pin (100mV typ).
Figure 7. Integrator loop block diagram
Respect to a traditional PWM controller, that has an internal oscillator setting the switching frequency, in a hys-
teretic system the frequency can change with some parameters. For example, while in a standard fixed switch-
ing frequency topology, the increase of the losses (increasing the output current, for example) generates a
variation in the On Time and Off Time, in a fixed On Time topology , the increase of the losses generates only
a variation on the Off Time, changing the switching frequency. In the device is implemented the voltage feed-
forward circuit that allows constant switching frequency during steady-sate operation and withinthe input range
variation. Any way there are many factors affecting switching frequency accuracy in steady-state operation.
Some of these are internal as dead times, which depends on high side MOSFET driver. Others related to the
external components as high side MOSFET gate charge and gate resistance, voltage drops on supply and
ground rails, low side and high side RDSON and inductor parasitic resistance.
During a positive load transient, (the output current increases), the converter switches at its maximum frequency
(the period is TON+TOFFmin) to recover the output voltage drop. During a negative load transient, (the output
current decreases), the device stops to switch (high side MOSFET remains off).
4.3 Transition from PWM to PFM/PSK
To achieve high efficiency at light load conditions, PFM mode is provided. The PFM mode differs from the PWM
mode essentially for the off phase; the on phase is the same. In PFM after a On cycle the system turns-on the
low side MOSFET until the inductor current goes down zero, when the zero-crossing comparator turns off the
low side MOSFET. In PWM mode, after On cycle, the system keeps the low side MOSFET on until the next turn-
on cycle, so the energy stored in the output capacitor will flow through the low side MOSFET to ground. The
PFM mode is naturally implemented in an hysteretic controller enabling the zero current comparator by en-
abling, in fact in PFM mode the system reads the output voltage with a comparator and then turns on the high
side MOSFET when the output voltage goes down to reference value. The device works in discontinuous mode
C
INT2
C
INT1
----------------
V
OUT
∆
∆V
INT
------------------
=
PCB TRACES
LOAD
From Vsense
Q
Cint1
R1
INT
Vref
FB
DS
R
S
Vout
Vin
HGATE
LGATE
Q
OSC
Vref
One-shot generator
FFSR
PWM comparator
Vsense
Gndsense
R2
Cint2
HS
LS
Integrator amplifier
+
-
-
+
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com