Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997STR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6997STR
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997STR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6997STR Datasheet HTML 22Page - STMicroelectronics L6997STR Datasheet HTML 23Page - STMicroelectronics L6997STR Datasheet HTML 24Page - STMicroelectronics L6997STR Datasheet HTML 25Page - STMicroelectronics L6997STR Datasheet HTML 26Page - STMicroelectronics L6997STR Datasheet HTML 27Page - STMicroelectronics L6997STR Datasheet HTML 28Page - STMicroelectronics L6997STR Datasheet HTML 29Page - STMicroelectronics L6997STR Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
L6997S
26/30
The current required by the Memory and Termina-
tion supply, depends on the memory type and
size. The figures 28 and 29 show the efficiency for
the termination section of the application shown in
fig. 27.
Figure 28. Eff. vs. Output Current Source Mode
Figure 29. Eff. vs Output Current sink mode
8
Typical Operating Characteristics
Figure 30. Load transient response from 0A to 5A..
Figure 31. Normal functionality in SINK mode..
70
75
80
85
90
95
100
02
3
4
5
6
7
Output Current (A)
1
Vout = 0.9V
Vcc = 5V
Fsw = 200KHz
Vin = 12V
Vin=1.8V
60
65
70
75
80
85
90
95
100
0
1
2
3
456
7
Output current (A)
Vin=12V
Vin = 1.8V
Vin = 12V
Vout=0.9V
Vcc=5V
Fsw=200KHz
Ch1-> Inductor current
Ch2-> Phase Node
Ch3-> Output voltage
Ch1-> Inductor current
Ch2-> Phase Node
Ch3-> Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com