Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997STR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6997STR
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997STR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6997STR Datasheet HTML 18Page - STMicroelectronics L6997STR Datasheet HTML 19Page - STMicroelectronics L6997STR Datasheet HTML 20Page - STMicroelectronics L6997STR Datasheet HTML 21Page - STMicroelectronics L6997STR Datasheet HTML 22Page - STMicroelectronics L6997STR Datasheet HTML 23Page - STMicroelectronics L6997STR Datasheet HTML 24Page - STMicroelectronics L6997STR Datasheet HTML 25Page - STMicroelectronics L6997STR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
L6997S
22/30
Table 13. Component list
The component list is shared in two sections: the first for the general-purpose component, the second for
power section:
Part name
Value
Dimension
Notes
GENERAL-PURPOSE SECTION
RESISTOR
R1
N.M.
0603
Output resistor divider for the linear regulator.
R2
N.M.
0603
R3
560k
Ω
0603
Input resistor divider (To set switching frequency)
R4
5.6k
Ω
0603
R5
47
Ω
0603
R6, R7, R11, R12
33k
Ω
0603
R8
62k
Ω
0603
Current limit resistor (To set current limit)
R9
2.7k
Ω
0603
Output resistor divider (To set output voltage)
R10
1.3k
Ω
0603
R13
220
Ω
0603
CAPACITOR
C1
220nF
0805
C2
47µF
KEMET-16V
C3
220nF
0805
C4
150pF
0603
First integrator capacitor
C5
47pF
0603
C6
10nF
0603
C7
N.M.
0603
Second integrator capacitor
C19
220nF
0805
C20
220nF
0603
Softstart capacitor
C21
47pF
0603
C22
220nF
0805
C23
0603
N.M.
C24
1nF
0603
C25
1
µFTantalum
DIODES
D1
BAT54
25V
POWER SECTION
OUTPUT CAPACITORS
C11-C12
2X680
µF
T510x687(1)004AS
KEMET
Output capacitor C8, C9, C10 N.M.
INPUT CAPACITORS
C13, C14, C16, C17,
C15 C18
100
µF
ECJ5YF0J1072
PANASONIC
Input capacitor
47
µF
ECJ5YF1A4767
PANASONIC
INDUCTOR
L1
1.8
µH
ETQF6F1R8BFA
PANASONIC
POWER MOS
Q1,Q2
SI4442DY
VISHAY Siliconix
Q3 N.M.
Q5,Q6
SI4442DY
VISHAY Siliconix
Q4 N.M.
INTEGRATED CIRCUIT
U1
L6997S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com