Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997STR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6997STR
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997STR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6997STR Datasheet HTML 13Page - STMicroelectronics L6997STR Datasheet HTML 14Page - STMicroelectronics L6997STR Datasheet HTML 15Page - STMicroelectronics L6997STR Datasheet HTML 16Page - STMicroelectronics L6997STR Datasheet HTML 17Page - STMicroelectronics L6997STR Datasheet HTML 18Page - STMicroelectronics L6997STR Datasheet HTML 19Page - STMicroelectronics L6997STR Datasheet HTML 20Page - STMicroelectronics L6997STR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17/30
L6997S
With our parameters:
Lmin
≥ 2µH
The saturation current must be higher then 5A
6.3 Output capacitor and ripple voltage
The output capacitor is selected based on both static and dynamic output voltage accuracy. The static output
voltage accuracy depends mostly on the ERS of the output capacitor, while the dynamic accuracy usually de-
pends both on the ESR and capacitance value.
If the static precision is ±1% for the 1.25V output voltage, the output ripple is ±12.5mV.
To determine the ESR value from the output precision is necessary to calculate the ripple current:
(21)
Where FSW = 270kHz.
From the Eq. above the ripple current is around 1.25A.
So the ESR is given by:
(22)
The dynamic specifications are sometimes more relaxed than the static requirements, Anyway a minimum out-
put capacitance must be ensured to avoid output voltage variation due to the charge and discharge of Cout dur-
ing load transients.
To allow the device control loop to work properly, the zero introduced by the output capacitor ESR (
τ = ESR ·
Cout) must be at least ten times smaller than switching frequency. Low ESR tantalum capacitors, which ESR
zero is close to ten kHz, are suitable for output filtering. Output capacitor value COUT and its ESR, ESRCOUT,
should be large enough and small enough, respectively, to keep output voltage within the accuracy range during
a load transient, and to give the device a minimum signal to noise ratio.
The current ripple flows through the output capacitors, so the should be calculated also to sustain this ripple:
the RMS current value is given by Eq. 18.
(23)
But this is usually a negligible constrain.
Possible solutions:
Multilayer capacitors can not be used because their very low ESR.
6.4 MOSFET’s and Schottky Diodes
A 3.3V bus powers the gate drivers of the device, the use ultra low level MOSFET is highly recommended, es-
pecially for high current applications. The MOSFET breakdown voltage VBRDSS must be greater than VINMAX
with a certain margin.
The RDSON can be selected once the allowable power dissipation has been established. By selecting identical
330
µF
EEFUE0D331R
PANASONIC
220
µF2R5TPE220M
POSCAP
I
∆
Vin
Vo
–
L
-----------------------
Vo
Vin
--------- T
sw
⋅⋅
=
ESR
V
ripple
∆
I
∆
2
-----
---------------------
25mV
1.25
----------------
=
20m
Ω
==
Icout
rms
1
23
----------- I
L
∆
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com