Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2641A Datasheet(PDF) 6 Page - Analog Devices

Part # DC2641A
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2641A Datasheet(HTML) 6 Page - Analog Devices

Back Button DC2641A Datasheet HTML 2Page - Analog Devices DC2641A Datasheet HTML 3Page - Analog Devices DC2641A Datasheet HTML 4Page - Analog Devices DC2641A Datasheet HTML 5Page - Analog Devices DC2641A Datasheet HTML 6Page - Analog Devices DC2641A Datasheet HTML 7Page - Analog Devices DC2641A Datasheet HTML 8Page - Analog Devices DC2641A Datasheet HTML 9Page - Analog Devices DC2641A Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc2641af
DEMO MANUAL DC2641A
EXTVCC BIAS SUPPLY
Figure 4. DC2641A VOUT 0~2.5A Load Transient at VIN = 48V
Figure 5. Thermal Image VIN 48V, VO 12V at 10A No Air Flow, TA = 25°C
20MHz BW
100mV/DIV
DC2641 F04
50µs/DIV
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com