Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2641A Datasheet(PDF) 8 Page - Analog Devices

Part # DC2641A
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2641A Datasheet(HTML) 8 Page - Analog Devices

Back Button DC2641A Datasheet HTML 2Page - Analog Devices DC2641A Datasheet HTML 3Page - Analog Devices DC2641A Datasheet HTML 4Page - Analog Devices DC2641A Datasheet HTML 5Page - Analog Devices DC2641A Datasheet HTML 6Page - Analog Devices DC2641A Datasheet HTML 7Page - Analog Devices DC2641A Datasheet HTML 8Page - Analog Devices DC2641A Datasheet HTML 9Page - Analog Devices DC2641A Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
dc2641af
DEMO MANUAL DC2641A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Additional Demo Board Circuit Components
1
0
CIN5 (OPT)
CAP, OPT 1812
OPTION
2
0
COUT4 (OPT)
CAP, OPTION 7343
OPTION
3
0
C1, C5, C8, C16 (OPT)
CAP, OPTION 0603
OPTION
4
0
D1 (OPT)
DIODE, OPTION SOD-123
OPTION
5
0
D2 (OPT)
DIODE, OPTION SOD-323
OPTION
6
0
L4 (OPT)
IND., 22µH, PWR, 10%, 30A, 2.05mΩ, 27.9×19.8×15.36mm,
SER2915H Series, AEC-Q200
COILCRAFT SER2915H-223KL OPTION
7
0
Q1, Q6, Q7 (OPT)
XSTR, OPTION TO252-3
OPTION
8
0
Q5 (OPT)
XSTR, OPTION LFPAK
OPTION
9
0
Q12, Q13 (OPT)
XSTR, OPT IN_PG_TS
OPTION
10
0
R1 (OPT)
RES, OPTION 0805
OPTION
11
8
R2, R8, R22, R24, R27,
R28, R29, R35
RES, 0Ω 1/10W 0603
VISHAY CRCW06030000Z0EA
12
0
R7, R11, R19, R20,
R21, R37, R38, R39,
R40(OPT)
RES, OPTION 0603
OPTION
13
0
R33 (OPT)
RES, OPTION 1206
OPTION
Additional
1
10
E1-E10
TEST POINT, TURRET, 0.094", MTG. HOLE
MILL-MAX 2501-2-00-80-00-00-07-0
2
3
JP1, JP2, JP5
CONN., HDR, MALE, 1×3, 2mm, THT, STR
WURTH ELEKTRONIK, 62000311121
3
3
JP3, JP6, JP7
CONN., HDR, MALE, 1×2, 2mm, THT, STR
WURTH ELEKTRONIK, 62000211121
4
1
JP4
CONN., HDR, MALE, 2×4, 2mm, THT, STR
WURTH ELEKTRONIK, 62000821121
5
4
J1, J2, J3, J4
CONN., BANANA JACK, FEMALE, THT, NON-INSULATED, SWAGE
KEYSTONE 575-4
6
7
XJP1, XJP2, XJP3,
XJP4, XJP5, XJP6,
XJP7
CONN., SHUNT, FEMALE, 2 POS, 2mm
WURTH ELEKTRONIK, 60800213421
7
4
MH1, MH2, MH3, MH4 STANDOFF, NYLON, SNAP-ON, 0.50"
WURTH ELEKTRONIK, 702935000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com