Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2641A Datasheet(PDF) 1 Page - Analog Devices

Part # DC2641A
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2641A Datasheet(HTML) 1 Page - Analog Devices

  DC2641A Datasheet HTML 1Page - Analog Devices DC2641A Datasheet HTML 2Page - Analog Devices DC2641A Datasheet HTML 3Page - Analog Devices DC2641A Datasheet HTML 4Page - Analog Devices DC2641A Datasheet HTML 5Page - Analog Devices DC2641A Datasheet HTML 6Page - Analog Devices DC2641A Datasheet HTML 7Page - Analog Devices DC2641A Datasheet HTML 8Page - Analog Devices DC2641A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc2641af
DEMO MANUAL DC2641A
DESCRIPTION
LTC7801EUFD
High Input Voltage
Synchronous Buck Converter
Demonstration circuit 2641A is a single output synchro-
nous buck converter featuring the LTC7801EUFD in the
24-lead QFN package. The input voltage range is from
16V to 100V and the output is 12V/10A. The DC2641A is
configured with a sense resistor for overcurrent protec-
tion. Inductor DCR current sensing is optional.
The board has a lot of features including an optional
onboard NMOS LDO for DRVCC, a switch-mode power
supply for EXTVCC, jumper selectable 100% duty cycle
operation in dropout, a mode selector pin that allows
the converter to run in CCM, pulse-skip, adjustable burst
L
, LT, LTC, LTM, Linear Technology, Burst Mode, PolyPhase and the Linear logo are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners.
PERFORMANCE SUMMARY
clamp or default Burst Mode® operation, a PGOOD output
voltage monitor and PLLIN for PolyPhase® operation.
The LTC7801 data sheet gives a complete description
of the part, operation and application information and
must be read in conjunction with this demo manual for
DC2641A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2641A
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
VALUE
Input Voltage Range
16V ~ 100V
Output Voltage VOUT
VIN = 16~100V, IOUT = 0~10A, JP4: FCM
12V ± 2% (11.76V ~ 12.24V)
Maximum Output Current IOUT,MAX
VIN = 16~100V
10A
Default Operating Frequency (Typical)
150kHz
External Clock Sync. Frequency Range
75kHz – 850kHz
Typical Full Load Efficiency (See Figure 4)
VIN = 48V, VOUT = 12V, IOUT = 10A, fSW = 150 kHz
95.3%


Similar Part No. - DC2641A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2660A LINER-DC2660A Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
logo
France Joint
DC26X47X8 FRANCEJOINT-DC26X47X8 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
DC26X52X8 FRANCEJOINT-DC26X52X8 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - DC2641A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
logo
ON Semiconductor
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
High Input Voltage Synchronous Buck Converter
LTC7801EUFD LINER-LTC7801EUFD Datasheet
777Kb / 10P
High Input Voltage Synchronous Buck Converter
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com