Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2641A Datasheet(PDF) 7 Page - Analog Devices

Part # DC2641A
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2641A Datasheet(HTML) 7 Page - Analog Devices

Back Button DC2641A Datasheet HTML 2Page - Analog Devices DC2641A Datasheet HTML 3Page - Analog Devices DC2641A Datasheet HTML 4Page - Analog Devices DC2641A Datasheet HTML 5Page - Analog Devices DC2641A Datasheet HTML 6Page - Analog Devices DC2641A Datasheet HTML 7Page - Analog Devices DC2641A Datasheet HTML 8Page - Analog Devices DC2641A Datasheet HTML 9Page - Analog Devices DC2641A Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc2641af
DEMO MANUAL DC2641A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
CIN1
CAP., 100µF, ELECT, 200V, 20%, 16×20mm, THT, NRB-XS Series
NIC NRB-XS101M200V16x20TBF
2
5
CIN3, CIN4, CIN8, C14,
C15
CAP., 2.2µF, X7R, 100V, 10%, 1812
TDK, C4532X7R2A225K230KA
3
3
CIN2, CIN6, CIN7
CAP, 1µF, X7R, 10V, 10%, 0805
AVX 0805ZC105KAT2A
4
1
COUT1
CAP, 22µF, X7R, 16V, 10%, 1210
TDK, C3225X7R1C226K250AC
5
2
COUT2, COUT3
CAP., 150µF, TANT, 16V, 20%, 7343, D-CASE
AVX TPSD157M016R0125
6
3
C2, C4, C13
CAP, 0.1µF, X7R, 25V, 10%, 0603
AVX, 06033C104KAT2A
7
1
C3
CAP, 1000pF, X7R, 50V, 10%, 0603
AVX 06035C102KAT2A
8
1
C6
CAP, 4700pF, X7R, 50V, 10%, 0603
AVX 06035C472KAT2A
9
1
C7
CAP, 1µF, X7R, 16V, 20%, 0603
TDK, C1608X7R1C105M080AC
10
1
C9
CAP, 10pF, X7R, 50V, 10%, 0603
AVX 06035C100KAT2A
11
1
C10
CAP., 100pF, C0G, 50V, 5%, 0603
AVX 06035A101JAT2A
12
1
C11
CAP, 0.1µF, X7R, 100V, 10%, 1206
AVX 12061C104KAT2A
13
1
C12
CAP, 4.7µF, X5R, 16V, 20%, 0603
TDK C1608X5R1C475M080AC
14
1
L1
IND., 33µH, PWR, 15%, 12A, 11.4mΩ, 2013
WURTH ELEKTRONIK 7443633300
15
1
L2
IND., 470µH, PWR, 10%, 0.72A, 886mΩ, 10.0×10.2×4.8mm,
MSS1048T Series, AEC-Q200
COILCRAFT MSS1048T-474KLB
16
2
Q2, Q3
XSTR., PWR MOSFET, N-CH, 120V, 44A, PG-TDSON-8, SuperSO8
INFINEON BSC190N12NS3 G
17
1
Q4
XSTR., PWR MOSFET, N-CH, 120V, 98A, PG-TDSON-8, SuperSO8
INFINEON BSC077N12NS3 G
18
1
RS1
RES, 0.006Ω, 1%, 2W, 2512, HIGH PWR, SENSE, AEC-Q200
VISHAY WSL25126L000FEA18
19
1
R6
RES., 301kΩ, 1%, 1/10W, 0603
VISHAY CRCW0603301KFKEA
20
1
R9
RES., 10MΩ, 5%, 1/8W, 0805, AEC-Q200
VISHAY CRCW080510M0JNEA
21
1
R12
RES., 2.2Ω, 5%, 1/8W, 0805, AEC-Q200
VISHAY CRCW08052R20JNEA
22
2
R13, R14
RES., 10kΩ, 5%, 1/10W, 0603, AEC-Q200
VISHAY CRCW060310K0JNEA
23
1
R15
RES., 140kΩ, 1%, 1/10W, 0603, AEC-Q200
VISHAY CRCW0603140KFKEA
24
3
R16, R17, R23
RES., 100kΩ, 1%, 1/10W, 0603
VISHAY CRCW0603100KFKEA
25
1
R18
RES., 49.9kΩ, 1%, 1/10W, 0603
VISHAY CRCW060349K9FKEA
26
1
R25
RES., 30.1kΩ, 1%, 1/10W, 0603, AEC-Q200
VISHAY CRCW060330K1FKEA
27
1
R26
RES., 80.6kΩ, 1%, 1/10W, 0603
VISHAY CRCW060380K6FKEA
28
2
R30, R36
RES., 10Ω, 1%, 1/10W, 0603
VISHAY CRCW060310R0FKEA
29
1
R31
RES., 2MΩ, 1%, 1/10W, 0603, AEC-Q200
VISHAY CRCW06032M00FKEA
30
1
R32
RES., 267kΩ, 1%, 1/10W, 0603
VISHAY CRCW0603267KFKEA
31
1
R34
RES., 196kΩ, 1%, 1/10W 0603
VISHAY CRCW0603196KFKEA
32
1
U1
IC, HIGH VOLTAGE DC/DC BUCK REG., QFN-24 (4mm×5mm)
LINEAR TECH. LTC7801UFD#PBF
33
1
U2
IC, SYNCHRONOUS STEP DOWN REGULATOR, 150V, 100mA,
MSOP-16
LINEAR TECH LTC3639EMSE#PBF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com