Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E39-R1
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC E39-R1 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
E3Z-LT/LR/LL
Sensing Distance vs. Sensing Object Material
BGS Models
E3Z-LL
@1/-LL@6
White Paper with a Set Distance of 40 mm
E3Z-LL
@3/-LL@8
White Paper with a Set Distance of 40 mm
E3Z-LL
@1/-LL@6
White Paper with a Set Distance of 300 mm
Emission Spot Diameter vs. Distance
Through-beam and Retro-reflective
Models (Same for All Models)
BGS Models (Same for All Models)
E3Z-LL
@3/-LL@8
White Paper with a Set Distance of 100 mm
E3Z-LT
@@, E3Z-LR@@
E3Z-LL
@@
Hysteresis vs. Distance
BGS Models
E3Z-LL
@1 (LL@6)
E3Z-LL
@3 (LL@8)
Inclination Characteristics (Vertical)
Inclination Characteristics (Horizontal)
BGS Models
BGS Models
E3Z-LL
@@
E3Z-LL
@@
50
40
10
20
30
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
50
40
10
20
30
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
350
300
50
150
100
250
200
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
120
100
20
60
40
80
0
White
paper
Veneer
Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
60
30
40
50
20
10
0
100
50
10
20
30
40
90
60
70
80
0
Dimension a
Dimension b
Set distance (m)
Spot shape
a
b
600
300
400
500
200
100
0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
0
Dimension a
Dimension b
Set distance (mm)
Spot shape
a
b
400
300
200
100
0
2.50
0.50
1.00
1.50
2.00
0.00
Black
paper
White
paper
Set distance (mm)
400
300
200
100
0
2.50
0.50
1.00
1.50
2.00
0.00
Black
paper
White
paper
Set distance (mm)
20
15
10
5
0
−5
−10
−15
−20
−40
−30
−20
−10
0
102030
40
Distance setting: 300 mm
Sensing object: White paper
100
× 100 mm
− θ
+
θ
Inclination angle
θ (°)
(Upwards
and
Downwards)
Inclination
angle
Center
line
Sensing
object
− θ
+
θ
Inclination
angle
20
15
10
5
0
−5
−10
−15
−20
−40
−30
−20
−10
0
102030
40
Distance setting: 300 mm
Sensing object: White paper
100
× 100 mm
Inclination angle
θ (°)
(Left and
Right)
Sensing
object
Center
line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com